Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2597 Datasheet(PDF) 2 Page - NEC

Part No. 2SK2597
Description  N-CHANNEL SILICON POWER MOSFET FOR BASE STATION OF 900 MHz BAND CELLULAR PHONE POWER AMPLIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2597 Datasheet(HTML) 2 Page - NEC

  2SK2597 Datasheet HTML 1Page - NEC 2SK2597 Datasheet HTML 2Page - NEC 2SK2597 Datasheet HTML 3Page - NEC 2SK2597 Datasheet HTML 4Page - NEC 2SK2597 Datasheet HTML 5Page - NEC 2SK2597 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2597
2
OUTPUT v.s. IM3, ID CHARACTERISTICS
–20
–30
–40
–50
–60
5
4
3
2
1
0
28
32
36
40
44
48
30
34
38
42
46
THIRD ORDER INTERMODULATION DISTORTION / DRAIN
CURRENT v.s. OUTPUT POWER
IM3 (dBc)
ID (A)
POUT (dBm)
(AVERAGE POWER)
Vds = 30 V
CLASS AB
f1 = 900.0 MHz
Idq = 200 mA
× 2
f2 = 900.1 MHz
Idq = 500 mA
× 2
IM3
ID
INPUT v.s. OUTPUT, POWER GAIN, EFFICIENCY
(1) f = 960 MHz
1000
100
10
1
.1
100
10
12
20
28
36
44
52
16
24
32
40
48
f = 960 MHz
VDD = 30 V
IDQ = 200 mA
× 2
Pout
GP
OUTPUT POWER / DRAIN EFFICIENCY /
POWER GAIN vs. INPUT POWER
Pin (dBm)
ηD


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn