Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2597 Datasheet(PDF) 5 Page - NEC

Part No. 2SK2597
Description  N-CHANNEL SILICON POWER MOSFET FOR BASE STATION OF 900 MHz BAND CELLULAR PHONE POWER AMPLIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2597 Datasheet(HTML) 5 Page - NEC

  2SK2597 Datasheet HTML 1Page - NEC 2SK2597 Datasheet HTML 2Page - NEC 2SK2597 Datasheet HTML 3Page - NEC 2SK2597 Datasheet HTML 4Page - NEC 2SK2597 Datasheet HTML 5Page - NEC 2SK2597 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2597
5
APPLICATION CIRCUIT EXAMPLE (f = 960 MHz)
IN
OUT
To Gate Bias
Circuit
To Drain Bias
Circuit
To Gate Bias
Circuit
To Drain Bias
Circuit
Teflon substrate (t = 0.8 mm)
: Through hole
30 pF
30 pF
20 pF
20 pF
5 pF
1 pF
5 pF
2 pF
1 pF
13
pF
DUT
Notes on Handling
This product internally uses beryllie porcelain (beryllium oxide). If powder or vapor of beryllium oxide enters your
respiratory organs, you will have a difficulty in breathing, which is dangerous. Therefore, do no disassemble or
chemically process the product.
Be sure to abolish the product separately from general industrial wastes or garbage.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn