Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL453232T-221J-PF Datasheet(PDF) 7 Page - TDK Electronics

Part # NL453232T-221J-PF
Description  Inductors for Standard Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL453232T-221J-PF Datasheet(HTML) 7 Page - TDK Electronics

Back Button NL453232T-221J-PF Datasheet HTML 3Page - TDK Electronics NL453232T-221J-PF Datasheet HTML 4Page - TDK Electronics NL453232T-221J-PF Datasheet HTML 5Page - TDK Electronics NL453232T-221J-PF Datasheet HTML 6Page - TDK Electronics NL453232T-221J-PF Datasheet HTML 7Page - TDK Electronics NL453232T-221J-PF Datasheet HTML 8Page - TDK Electronics NL453232T-221J-PF Datasheet HTML 9Page - TDK Electronics NL453232T-221J-PF Datasheet HTML 10Page - TDK Electronics NL453232T-221J-PF Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
(7/13)
INDUC
T
O
RS
001-01 / 20140220 / inductor_commercial_standard_nl_en.fm
• All specifications are subject to change without notice.
NL series 
NL453232 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.01
0.1
1.0
100
10
1000
0.1
100000
100
1000
10000
1
10
Frequency(MHz)
102J
821J
681J
561J
391J
221J
181J
471J
331J
271J
151J
820J
680J
390J
270J
101J
121J
560J
470J
330J
220J
120J
100J
6R8J
5R6J
4R7J
3R9J
180J
150J
3R3J
2R7J
2R2J
1R8J
1R5J
1R2J
1R0J
8R2J
Product No.
Manufacturer
4294A
Agilent Technologies


Similar Part No. - NL453232T-221J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL453232T-221J-PF TDK-NL453232T-221J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-221J-PF TDK-NL453232T-221J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NL453232T-221J-PF TDK-NL453232T-221J-PF Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-221J-PF TDK-NL453232T-221J-PF Datasheet
132Kb / 3P
   Inductors (Coils)
More results

Similar Description - NL453232T-221J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
MLF2012A2R2K TDK-MLF2012A2R2K Datasheet
123Kb / 10P
   Inductors for Standard Circuits
NLV25T-1R0J-PF TDK-NLV25T-1R0J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com