Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR10510 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMR10510
Description  SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR10510 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMR10510 Datasheet HTML 4Page - Texas Instruments LMR10510 Datasheet HTML 5Page - Texas Instruments LMR10510 Datasheet HTML 6Page - Texas Instruments LMR10510 Datasheet HTML 7Page - Texas Instruments LMR10510 Datasheet HTML 8Page - Texas Instruments LMR10510 Datasheet HTML 9Page - Texas Instruments LMR10510 Datasheet HTML 10Page - Texas Instruments LMR10510 Datasheet HTML 11Page - Texas Instruments LMR10510 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
cv
S
R
R
Q
GND
FB
SW
VIN
EN
+
-
DRIVER
Artificial
Ramp
SHDN
Thermal
SHDN
OVP
1.6 MHz
Comp
Internal -
SENSE
I
LIMIT
I
LDO
Internal -
START
SOFT -
PFET
SENSE
I
ENABLE and UVLO
15
.
1
x
REF
V
Control Logic
VREF = 0.6V
LMR10510
SNVS727A – OCTOBER 2011 – REVISED OCTOBER 2011
www.ti.com
Simplified Block Diagram
Figure 20.
APPLICATIONS INFORMATION
THEORY OF OPERATION
The following operating description of the LMR10510 will refer to the Simplified Block Diagram (Figure 20) and to
the waveforms in Figure 21. The LMR10510 supplies a regulated output voltage by switching the internal PMOS
control switch at constant frequency and variable duty cycle. A switching cycle begins at the falling edge of the
reset pulse generated by the internal oscillator. When this pulse goes low, the output control logic turns on the
internal PMOS control switch. During this on-time, the SW pin voltage (VSW) swings up to approximately VIN, and
the inductor current (IL) increases with a linear slope. IL is measured by the current sense amplifier, which
generates an output proportional to the switch current. The sense signal is summed with the regulator’s
corrective ramp and compared to the error amplifier’s output, which is proportional to the difference between the
feedback voltage and VREF. When the PWM comparator output goes high, the output switch turns off until the
next switching cycle begins. During the switch off-time, inductor current discharges through the Schottky catch
diode, which forces the SW pin to swing below ground by the forward voltage (VD) of the Schottky catch diode.
The regulator loop adjusts the duty cycle (D) to maintain a constant output voltage.
8
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMR10510


Similar Part No. - LMR10510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR10510 TI-LMR10510 Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10510XMF TI-LMR10510XMF Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10510XMF/NOPB TI1-LMR10510XMF/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10510XMFE TI-LMR10510XMFE Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10510XMFE/NOPB TI1-LMR10510XMFE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
More results

Similar Description - LMR10510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR10510 TI1-LMR10510_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10510 TI-LMR10510 Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515 TI-LMR10515 Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515XMFE TI-LMR10515XMFE Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR10520 TI1-LMR10520_14 Datasheet
1,022Kb / 26P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 2.0A Step-Down Voltage Regulator in WSON
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com