Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26400Y Datasheet(PDF) 4 Page - Texas Instruments

Part # LM26400Y
Description  Dual 2A, 500kHz Wide Input Range Buck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26400Y Datasheet(HTML) 4 Page - Texas Instruments

  LM26400Y_14 Datasheet HTML 1Page - Texas Instruments LM26400Y_14 Datasheet HTML 2Page - Texas Instruments LM26400Y_14 Datasheet HTML 3Page - Texas Instruments LM26400Y_14 Datasheet HTML 4Page - Texas Instruments LM26400Y_14 Datasheet HTML 5Page - Texas Instruments LM26400Y_14 Datasheet HTML 6Page - Texas Instruments LM26400Y_14 Datasheet HTML 7Page - Texas Instruments LM26400Y_14 Datasheet HTML 8Page - Texas Instruments LM26400Y_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LM26400Y
SNVS457B – FEBRUARY 2007 – REVISED AUGUST 2007
www.ti.com
Electrical Characteristics
Unless otherwise stated, the following conditions apply: AVIN = PVIN = VIN = 5V. Limits in standard type are for TJ = 25°C
only; limits in boldfacetype apply over the junction temperature (TJ) range of -40°C to 125°C. Minimum and Maximum limits
are guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ =
25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
0°C to 85°C. Feedback Loop
0.591
0.6
0.611
Closed.
VFB
Voltages at FB1 and FB2 Pins
V
-40°C to 125°C. Feedback
0.585
0.617
Loop V Closed.
ΔVFB_Line
Line Regulation of FB1 and FB2 Voltages,
VIN = 3V to 20V
66
ppm/V
Expressed as PPM Change Per Volt of VIN
Variation
IFB
Current in FB1 and FB2 Pins
VFB = 0.6V
0.4
250
nA
VIN Rising From 0V
2.7
2.9
V
VUVLO
Under Voltage Lockout Threshold
VIN Falling From 3.3V
2.0
2.3
VUVLO_HYS
UVLO Hysteresis
0.2
0.36
0.55
V
FSW
Switching Frequency
0.39
0.52
0.65
MHz
DMAX
Maximum Duty Cycle
90
96
%
DMIN
Minimum Duty Cycle
2
%
ETSSOP, 2A Drain Current
175
320
RDS(ON)
ON Resistance of Internal Power MOSFET
m
LLP, 2A Drain Current
194
350
ICL
Peak Current Limit of Internal MOSFET
2.5
3
4.5
A
ISD
Shutdown Current of AVIN Pin
EN1 = EN2 = 0V
2
nA
IQ
Quiescent Current of AVIN Pin (both
EN1 = EN2 = 5V, FB1 = FB2
4
mA
channels are enabled but not switching)
= 0.7V
VEN_IH
Input Logic High of EN1 and EN2 Pins
2.5
V
VEN_IL
Input Logic Low of EN1 and EN2 Pins
0.4
V
IEN
EN1 and EN2 Currents (sink or source)
5
nA
ISW_LEAK
Switch Leakage Current Measured at SW1
EN1 = EN2 = SWx = 0
1
µA
and SW2 Pins
ΔΦ
Phase Shift Between SW1 and SW2 Rising Feedback Loop Closed.
170
180
19
deg
Edges
Continuous Conduction
Mode.
ISS
SSx Pin Current
11
16
21
µA
ΔISS
Difference Between SS1 and SS2 Currents
3
µA
VFB_F
FB1 and FB2 Frequency Fold-back
0.35
V
Threshold
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LM26400Y


Similar Part No. - LM26400Y_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26400Y TI-LM26400Y_15 Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
More results

Similar Description - LM26400Y_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26400Y_0708 NSC-LM26400Y_0708 Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com