Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25574 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM25574
Description  SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25574 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM25574_14 Datasheet HTML 11Page - Texas Instruments LM25574_14 Datasheet HTML 12Page - Texas Instruments LM25574_14 Datasheet HTML 13Page - Texas Instruments LM25574_14 Datasheet HTML 14Page - Texas Instruments LM25574_14 Datasheet HTML 15Page - Texas Instruments LM25574_14 Datasheet HTML 16Page - Texas Instruments LM25574_14 Datasheet HTML 17Page - Texas Instruments LM25574_14 Datasheet HTML 18Page - Texas Instruments LM25574_14 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
L1 =
5V x (42V - 5V)
0.2A x 300 kHz x 42V
= 73 PH
L1 =
VOUT x (VIN(max) ± VOUT)
IRIPPLE x FS x VIN(max)
IPK+
0 mA
IPK-
IO
IRIPPLE
1/Fs
RT =
[(1 / 300 x 10
3) ± 580 x 10-9]
135 x 10
-12
LM25574
www.ti.com
SNVS483F – JANUARY 2007 – REVISED FEBRUARY 2009
(5)
The nearest standard value of 21k
Ω was chosen for RT.
L1
The inductor value is determined based on the operating frequency, load current, ripple current, and the
minimum and maximum input voltage (VIN(min), VIN(max)).
Figure 8. Inductor Current Waveform
To keep the circuit in continuous conduction mode (CCM), the maximum ripple current IRIPPLE should be less
than twice the minimum load current, or 0.2Ap-p. Using this value of ripple current, the value of inductor (L1) is
calculated using the following:
(6)
(7)
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM25574


Similar Part No. - LM25574_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results

Similar Description - LM25574_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com