Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25116 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM25116
Description  Wide Range Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25116 Datasheet(HTML) 4 Page - Texas Instruments

  LM25116_14 Datasheet HTML 1Page - Texas Instruments LM25116_14 Datasheet HTML 2Page - Texas Instruments LM25116_14 Datasheet HTML 3Page - Texas Instruments LM25116_14 Datasheet HTML 4Page - Texas Instruments LM25116_14 Datasheet HTML 5Page - Texas Instruments LM25116_14 Datasheet HTML 6Page - Texas Instruments LM25116_14 Datasheet HTML 7Page - Texas Instruments LM25116_14 Datasheet HTML 8Page - Texas Instruments LM25116_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM25116
SNVS509C – APRIL 2007 – REVISED AUGUST 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN to GND
-0.3V to 45V
VCC, VCCX, UVLO to GND(2)
-0.3 to 16V
SW, CS to GND
-3.0 to 45V
HB to SW
-0.3 to 16V
HO to SW
-0.3 to HB+0.3V
VOUT to GND
-0.3 to 45V
CSG to GND
-1V to 1V
LO to GND
-0.3 to VCC+0.3V
SS to GND
-0.3 to 7V
FB to GND
-0.3 to 7V
DEMB to GND
-0.3 to VCC
RT to GND
-0.3 to 7V
EN to GND
-0.3 to 45V
ESD Rating, HBM(3)
2 kV
Storage Temperature Range
-55°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
These pins must not exceed VIN.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. LO, HO and HB are rated at 1kV. 2kV
rating for all pins except VIN which is rated for 1.5kV.
Operating Ratings
(1) (2)
VIN
6V to 42V
VCC, VCCX
4.75V to 15V
HB to SW
4.75V to 15V
DEMB to GND
-0.3V to 2V
Junction Temperature
-40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
Note: RAMP, COMP are output pins. As such they are not specified to have an external voltage applied.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -40°C to
+125°C and are provided for reference only. Unless otherwise specified, the following conditions apply: VIN = 24V, VCC =
7.4V, VCCX = 0V, EN = 5V, RT = 16 kΩ, no load on LO and HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN Supply
IBIAS
VIN Operating Current
VCCX = 0V
4.6
6.5
mA
IBIASX
VIN Operating Current
VCCX = 5V
1
1.5
mA
ISTDBY
VIN Shutdown Current
EN = 0V
1
10
µA
VCC Regulator
VCC(REG)
VCC Regulation
7.1
7.4
7.7
V
VCC LDO Mode Turn-off
10.6
V
VCC Regulation
VIN = 6V
5.0
5.9
6.0
V
VCC Sourcing Current Limit
VCC = 0V
15
26
mA
4
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LM25116


Similar Part No. - LM25116_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25116MH NSC-LM25116MH Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116MH TI-LM25116MH Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM25116MH/NOPB TI-LM25116MH/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116MHX NSC-LM25116MHX Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116MHX TI-LM25116MHX Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
More results

Similar Description - LM25116_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
   Wide Range Synchronous Buck Controller
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483B HMSEMI-HM1483B Datasheet
772Kb / 9P
   Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com