Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV32T-1R0J-PF Datasheet(PDF) 11 Page - TDK Electronics

Part # NLV32T-1R0J-PF
Description  Inductors for Standard Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-1R0J-PF Datasheet(HTML) 11 Page - TDK Electronics

Back Button NLV32T-1R0J-PF Datasheet HTML 6Page - TDK Electronics NLV32T-1R0J-PF Datasheet HTML 7Page - TDK Electronics NLV32T-1R0J-PF Datasheet HTML 8Page - TDK Electronics NLV32T-1R0J-PF Datasheet HTML 9Page - TDK Electronics NLV32T-1R0J-PF Datasheet HTML 10Page - TDK Electronics NLV32T-1R0J-PF Datasheet HTML 11Page - TDK Electronics NLV32T-1R0J-PF Datasheet HTML 12Page - TDK Electronics NLV32T-1R0J-PF Datasheet HTML 13Page - TDK Electronics NLV32T-1R0J-PF Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
(11/13)
INDUC
T
O
RS
001-01 / 20140220 / inductor_commercial_standard_nl_en.fm
• All specifications are subject to change without notice.
NL series 
NL565050Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.001
0.01
0.1
1
10
1
100000
100
1000
10000
100000
10
Frequency(MHz)
103J
472J
682J
562J
332J
272J
222J
182J
152J
122J
822J
392J
Product No.
Manufacturer
4294A
Agilent Technologies


Similar Part No. - NLV32T-1R0J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-1R0J-PF TDK-NLV32T-1R0J-PF Datasheet
45Kb / 3P
   For General Applications SMD
NLV32T-1R0J-PF TDK-NLV32T-1R0J-PF Datasheet
177Kb / 3P
   Inductors (Coils)
NLV32T-1R0J-PFD TDK-NLV32T-1R0J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
More results

Similar Description - NLV32T-1R0J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
MLF2012A2R2K TDK-MLF2012A2R2K Datasheet
123Kb / 10P
   Inductors for Standard Circuits
NLV25T-1R0J-PF TDK-NLV25T-1R0J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com