Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLFV25T-2R2M-PF Datasheet(PDF) 7 Page - TDK Electronics

Part # NLFV25T-2R2M-PF
Description  Inductors for Decoupling Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLFV25T-2R2M-PF Datasheet(HTML) 7 Page - TDK Electronics

Back Button NLFV25T-2R2M-PF Datasheet HTML 3Page - TDK Electronics NLFV25T-2R2M-PF Datasheet HTML 4Page - TDK Electronics NLFV25T-2R2M-PF Datasheet HTML 5Page - TDK Electronics NLFV25T-2R2M-PF Datasheet HTML 6Page - TDK Electronics NLFV25T-2R2M-PF Datasheet HTML 7Page - TDK Electronics NLFV25T-2R2M-PF Datasheet HTML 8Page - TDK Electronics NLFV25T-2R2M-PF Datasheet HTML 9Page - TDK Electronics NLFV25T-2R2M-PF Datasheet HTML 10Page - TDK Electronics NLFV25T-2R2M-PF Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
(7/15)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_decoupling_nlfv_en.fm
• All specifications are subject to change without notice.
NLFV series 
NLFV25 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
10
1
100
0.1
1000
100
1
10
Frequency(MHz)
101K
680K
470K
330K
220K
150K
100K
6R8M
4R7M
3R3M
2R2M
1R5M
1R0M
Product No.
Manufacturer
4294A
Agilent Technologies


Similar Part No. - NLFV25T-2R2M-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFV25T-2R2M-PF TDK-NLFV25T-2R2M-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
More results

Similar Description - NLFV25T-2R2M-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-2R2M-PF TDK-NLCV32T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
MLZ2012E4R7MT TDK-MLZ2012E4R7MT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLCV25TR10MEFR TDK-NLCV25TR10MEFR Datasheet
378Kb / 10P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com