Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-5760 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5760
Description  AC/DC to Logic Interface Hermetically Sealed Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5760 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5760 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5760 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5760 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5760 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5760 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5760 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5760 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5760 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5760 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Electrical Characteristics TA = -55° C to 125° C, unless otherwise specified. See note 16.
Parameter
Symbol
Conditions
Group A
Subgroup
Min.
Typ.*
Max.
Units
Fig.
Note
Input Threshold Current
ITH+
VIN = VTH+; VCC = 4.5 V;
VO = 0.4 V; IO ≥ 2.6 mA
1, 2, 3
1.75
2.5
3.20
mA
1, 2
7
ITH-
VIN = VTH-; VCC = 4.5 V;
VO = 2.4 V; IOH ≤ 250
A
1, 2, 3
0.93
1.3
1.62
mA
Input Threshold
Voltage
DC
(Pins 2, 3)
VTH+
VIN = V2 – V3;
Pins 1 & 4 Open
VCC = 4.5 V; VO = 0.4 V;
IO ≥ 2.6 mA
1, 2, 3
3.18
3.6
4.10
V
VTH-
VIN = V2 – V3;
Pins 1 & 4 Open
VCC = 4.5 V; VO = 2.4 V;
IO ≤ 250
A
1, 2, 3
1.90
2.5
3.00
V
AC
(Pins 1, 4)
VTH+
VIN = |V1 – V4|;
Pins 2 & 3 Open
VCC = 4.5 V; VO = 0.4 V;
IO ≥ 2.6 mA
1, 2, 3
3.79
5.0
5.62
V
7, 8
VTH-
VIN = |V1 – V4|;
Pins 2 & 3 Open
VCC = 4.5 V; VO = 2.4 V;
IO ≤ 250
A
1, 2, 3
2.57
3.7
4.52
V
Input Clamp Voltage
VIHC1
VIHC1 = V2 - V3;
V3 = GND;
IIN = 10 mA; Pin 1 & 4
Connected to Pin 3
1, 2, 3
5.3
5.9
7.5
V
3
15
VIHC2
VIHC2 = |V1 - V4|;
|IIN| = 10 mA;
Pins 2 & 3 Open
1, 2, 3
6.0
6.6
8.0
V
VIHC3
VIHC3 = V2 - V3;
V3 = GND;
IIN = 13.5 mA;
Pins 1 & 4 Open
1, 2, 3
12.0
14.0
V
Input Current
IIN
VIN = V2 - V3 = 5.0 V;
Pins 1 & 4 Open
1, 2, 3
3.0
3.9
4.5
mA
4
Logic Low Output Voltage
VOL
VCC = 4.5 V;
IOL = 2.6 mA
1, 2, 3
0.05
0.4
V
4
7
Logic High Output Current
IOH
VOH = VCC = 18 V
1, 2, 3
250
A
Logic Low Supply Current
ICCL
V2 - V3 = 5.0 V;
VO = Open; VCC = 18 V
1, 2, 3
0.8
3.0
mA
Logic High Supply Current
ICCH
VCC = 18 V; VO = Open
45% RH, t = 5 s;
1, 2, 3
0.001
20
mA
5
Input-Output Insulation
II-O
VI-O = 1500 Vdc;
TA = 25° C
11
A
9, 10


Similar Part No. - HCPL-5760

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5760-100 HP-HCPL-5760-100 Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760-200 HP-HCPL-5760-200 Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760-300 HP-HCPL-5760-300 Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760-600 HP-HCPL-5760-600 Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results

Similar Description - HCPL-5760

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com