Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-89-3LA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SOT-89-3LA
Description  Low Power, 1.1uA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOT-89-3LA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SOT-89-3LA Datasheet HTML 1Page - List of Unclassifed Manufacturers SOT-89-3LA Datasheet HTML 2Page - List of Unclassifed Manufacturers SOT-89-3LA Datasheet HTML 3Page - List of Unclassifed Manufacturers SOT-89-3LA Datasheet HTML 4Page - List of Unclassifed Manufacturers SOT-89-3LA Datasheet HTML 5Page - List of Unclassifed Manufacturers SOT-89-3LA Datasheet HTML 6Page - List of Unclassifed Manufacturers SOT-89-3LA Datasheet HTML 7Page - List of Unclassifed Manufacturers SOT-89-3LA Datasheet HTML 8Page - List of Unclassifed Manufacturers SOT-89-3LA Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Fremont Micro Devices
FT510XX
www.fremontmicro.com
Page 4 of 9
DS510-A2
BLOCK DIAGRAM
c
+
-
Current
Limiter
Bandgap
VIN
VOUT
GND
Block Diagram
ELECTRICAL CHARACTERISTICS
Vin=Vout+1V; Cin=1.0uF; Vout=2.8V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Voltage
Vout
Iout=1mA
2.744
2.8
2.856
V
Input Voltage
Vin
2.8
6
V
Maximum Output Current
Imax
Vin=Vout+1V
250
mA
Load Regulation
V
out
1mA≤Iout≤100mA
25
mV
Dropout Voltage **
Vdrp1
Vdrp2
Iout=100 mA
Iout=30 mA
180
80
mV
Supply Current
Iq
Vin=Vout+1V
1.1
uA
Line Regulation
Vout/
(△Vin* Vout)
Vout+1.0V ≤ Vout
≤6V
Iout=1mA
0.04
0.3
%/V
Output Voltage
Temperature
Characteristics
Vout/
( Temp* V
out)
Iout=1mA
-40°C≤Temp≤85°C
100
ppm/C
Current Limiter
Ishort
Vin=Vout+1V,
Vout=2.8V
70
mA


Similar Part No. - SOT-89-3LA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SOT-89-3L ETC-SOT-89-3L Datasheet
163Kb / 1P
   SOT-89-3L PACKAGE OUTLINE DIMENSIONS
More results

Similar Description - SOT-89-3LA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT510FB ETC2-FT510FB Datasheet
209Kb / 9P
   Low Power, 1.1uA LDO Regulator
logo
ON Semiconductor
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
E-CMOS Corporation
EC49509 E-CMOS-EC49509 Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
   600mA CMOS Low Power Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com