Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25037 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM25037
Description  Dual-Mode PWM Controller With Alternating Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037 Datasheet(HTML) 5 Page - Texas Instruments

  LM25037_14 Datasheet HTML 1Page - Texas Instruments LM25037_14 Datasheet HTML 2Page - Texas Instruments LM25037_14 Datasheet HTML 3Page - Texas Instruments LM25037_14 Datasheet HTML 4Page - Texas Instruments LM25037_14 Datasheet HTML 5Page - Texas Instruments LM25037_14 Datasheet HTML 6Page - Texas Instruments LM25037_14 Datasheet HTML 7Page - Texas Instruments LM25037_14 Datasheet HTML 8Page - Texas Instruments LM25037_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM25037, LM25037-Q1
www.ti.com
SNVS572C – JULY 2008 – REVISED JANUARY 2010
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full operating junction
temperature range of
−40°C to + 125°C. VVIN = 12V, VVCC = 10V, RRT1 = 30.1 kΩ, RRT2 = 30.1 kΩ, VUVLO = 3V unless
otherwise stated.
(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Output high voltage
IOUT = 50 mA, (Source)
Vcc-0.5
Vcc-
V
0.25
Output low voltage
IOUT = 100 mA (Sink)
0.2
0.5
V
Rise time
CLOAD = 1 nF
17
ns
Fall time
CLOAD = 1 nF
18
ns
Peak source current
VVCC = 10V
1.2
A
Peak sink current
VVCC = 10V
1.2
A
Thermal Shutdown
TSD
Thermal Shutdown Threshold
165
°C
Thermal Shutdown Hysteresis
25
°C
Thermal Resistance
θJC
Junction to Case
TSSOP
29
°C/W
θJA
Junction to Ambient
TSSOP
125
°C/W
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25037 LM25037-Q1


Similar Part No. - LM25037_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
More results

Similar Description - LM25037_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com