Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA5311 Datasheet(PDF) 3 Page - Fuji Electric

Part # FA5311
Description  Bipolar IC For Switching Power Supply Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5311 Datasheet(HTML) 3 Page - Fuji Electric

  FA5311 Datasheet HTML 1Page - Fuji Electric FA5311 Datasheet HTML 2Page - Fuji Electric FA5311 Datasheet HTML 3Page - Fuji Electric FA5311 Datasheet HTML 4Page - Fuji Electric FA5311 Datasheet HTML 5Page - Fuji Electric FA5311 Datasheet HTML 6Page - Fuji Electric FA5311 Datasheet HTML 7Page - Fuji Electric FA5311 Datasheet HTML 8Page - Fuji Electric FA5311 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
FA531X series
3
Overcurrent limiting circuit section
Item
Symbol
Test condition
FA5310/11/16/17
FA5314/15
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Input threshold voltage (Pin 3)
VTH IS
0.21
0.24
0.27
–0.21 –0.17 –0.14 V
Overcurrent detection terminal source current
IIS
Pin 3=0V
–300
–200
–100
–240
–160
–80
µA
Delay time
TPD IS
150
200
ns
Latch-mode cutoff circuit section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
CS terminal sink current
ISINK CS
Pin 8=6V, Pin 2=1V
25
45
65
µA
Cutoff threshold voltage (Pin 8)
VTH CS
6.5
7.0
7.5
V
Overload cutoff circuit section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Cutoff-start voltage (Pin 2)
VTH FB
2.6
2.8
3.1
V
Undervoltage lockout circuit section
Item
Symbol
Test condition
FA5310/11
FA5314/15/16/17
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
OFF-to-ON threshold voltage
VCC ON
15.5
16.0
16.5
14.8
15.5
16.2
V
ON-to-OFF threshold voltage
VCC OFF
8.20
8.70
9.20
7.70
8.40
9.10
V
Overall device
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Standby current
ICC ST
VCC=14V
90
150
µA
Operating-state supply current
ICC OP
915
mA
OFF-state supply current
ICC OFF
1.1
1.8
mA
Cutoff-state supply current
ICCL
1.1
1.8
mA
Output section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
FA5310/11/14/15
FA5316/17
L-level output Voltage
VOL
IO=100mA
IO=50mA
1.30
1.80
V
H-level output Voltage
VOH
IO=–100mA
IO=–50mA
16.0
16.5
V
VCC=18V
VCC=18V
Rise time
tr
No load
No load
50
ns
Fall time
tf
No load
No load
50
ns
Output ON/OFF circuit section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
CS terminal source current
Isource cs Pin 8=0V
–15
–10
–5
µA
OFF-to-ON threshold Voltage (Pin 8)
VTH ON
CS terminal voltage OFF
→ON
0.56
V
ON-to-OFF threshold Voltage (Pin 8)
VTH OFF
CS terminal voltage ON
→OFF
0.42
V


Similar Part No. - FA5311

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5311

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com