Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5088 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5088
Description  Wide Input Range Non-Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5088 Datasheet(HTML) 5 Page - Texas Instruments

  LM5088 Datasheet HTML 1Page - Texas Instruments LM5088 Datasheet HTML 2Page - Texas Instruments LM5088 Datasheet HTML 3Page - Texas Instruments LM5088 Datasheet HTML 4Page - Texas Instruments LM5088 Datasheet HTML 5Page - Texas Instruments LM5088 Datasheet HTML 6Page - Texas Instruments LM5088 Datasheet HTML 7Page - Texas Instruments LM5088 Datasheet HTML 8Page - Texas Instruments LM5088 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LM5088
www.ti.com
SNVS600G – DECEMBER 2008 – REVISED MARCH 2011
Electrical Characteristics
(1) (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions apply:
VVIN = 48V, VVCC= 8V, VEN = 5V RRT = 31.6 kΩ, No load on HG.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SOFT- START
SS Pull-up Current Source
VSS = 0V
8
11
13
µA
FB to SS Offset
VFB = 1.3V
150
mV
ERROR AMPLIFIER
VREF
FB Reference Voltage
Measured at FB Pin
1.187
1.205
1.223
V
FB = COMP
FB Input Bias Current
VFB = 1.2V
18
100
nA
COMP Sink/Source Current
3
mA
AOL
DC Gain
60
dB
FBW
Unity gain bandwidth
3
MHz
PWM COMPARATORS
THG(OFF)
Forced HG Off-time
185
280
365
ns
TON(MIN)
Minimum HG On-time
VVIN = 60V
55
ns
COMP to PWM comparator offset
930
mV
OSCILLATOR (RT Pin)
LM5088-2 (Non-Dithering)
Fnom1
Nominal Oscillator Frequency
RRT = 31.6 kΩ
180
200
220
kHz
Fnom2
RRT = 11.3 kΩ
430
500
565
kHz
LM5088-1 (Dithering)
Fmin
Dithering Range
Minimum Dither Frequency
Fnom-5%
kHz
Fmax
Maximum Dither Frequency
Fnom+5%
kHz
SYNC
SYNC positive threshold
2.3
V
SYNC Pulse Width
15
150
ns
CURRENT LIMIT
VCS(TH)
Cycle by cycle sense voltage threshold
VRAMP = 0V
112
120
136
mV
Cycle by Cycle Current Limit Delay
VRAMP = 2.5V
280
ns
Buck Switch VDS protection
VIN to SW
1.5
V
CURRENT LIMIT RESTART (RES Pin)
Vresup
RES Threshold Upper (rising)
VCS = 0.125
1.1
1.2
1.3
V
Vresdown
RES Threshold Lower (falling)
0.1
0.2
0.3
V
Icharge
Charge source current
VCS >= 0.125
40
50
65
µA
Idischarge
Discharge sink current
VCS < 0.125
20
27
34
µA
Irampdown
Discharge sink current -(post fault)
0.8
1.2
1.6
µA
RAMP GENERATOR(2)
IRAMP1
RAMP Current 1
VVIN = 60V, VOUT = 10V
235
295
345
µA
IRAMP2
RAMP Current 2
VVIN = 10V, VOUT = 10V
18
25
30
µA
VOUT Bias Current
VOUT = 48V
250
µA
RAMP Output Low Voltage
VVIN = 60V, VOUT = 10V
200
mV
HIGH SIDE (HG) GATE DRIVER
VOLH
HG Low-state Output Voltage
IHG = 100 mA
115
215
mV
VOHH
HG High-state Output Voltage
IHG = -100 mA, VOHH = VBOOT - VHG
240
mV
HG Rise Time
Cload = 1000 pF
12
ns
(2)
RAMP and COMP are output pins. As such they are not specified to have an external voltage applied.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5088


Similar Part No. - LM5088

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM5088 TI-LM5088 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088-Q1 TI-LM5088-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM5088-Q1 TI-LM5088-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
More results

Similar Description - LM5088

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com