Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5066 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5066
Description  High Voltage System Power Management and Protection IC with PMBus
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5066 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5066_14 Datasheet HTML 9Page - Texas Instruments LM5066_14 Datasheet HTML 10Page - Texas Instruments LM5066_14 Datasheet HTML 11Page - Texas Instruments LM5066_14 Datasheet HTML 12Page - Texas Instruments LM5066_14 Datasheet HTML 13Page - Texas Instruments LM5066_14 Datasheet HTML 14Page - Texas Instruments LM5066_14 Datasheet HTML 15Page - Texas Instruments LM5066_14 Datasheet HTML 16Page - Texas Instruments LM5066_14 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
GATE
20 PA
21PA
Insertion
Timer
Fault
Timer
Fault
Discharge
TIMER
Current Limit
Threshold
CHARGE
PUMP
20 PA
TIMER AND GATE
LOGIC CONTROL
Power Limit
Threshold
GATE
CONTROL
OUT
16.5V
LM5066
8.6V
VIN
Enable
POR
26/50 mV
115
mA
1/30
1/30
VAUX
MEASUREMENT/
FAULT REGISTORS
SMBUS
INTERFACE
DIODE
ADR0
ADR1
ADR2
SCL
SDAO
SMBA
ADDRESS
DECODER
TELEMETRY
STATE
MACHINE
Diode
Temp
Sense
VDD
REG
VDD
2.46V
2.46V
2.48V
VIN
7.8V
Insertion Timer
POR
AGND
12 bit
ADC
ov
uv
UV
OV
VDS
IDS
Current
Limit
Sense
48/96/193 mV
Circuit Breaker
Threshold
SDAI
2.97
VRef
VREF
4.8 PA
75 PA
2.5 PA
20 PA
3.9V
GND
4.2 mA
1.5 mA
End
Insertion
Time
0.3V
1.1V
Current Limit/
Power Limit
Control
20 PA
LM5066
www.ti.com
SNVS655F – JUNE 2011 – REVISED AUGUST 2011
BLOCK DIAGRAM
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5066


Similar Part No. - LM5066_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
More results

Similar Description - LM5066_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM5056 TI-LM5056 Datasheet
1Mb / 46P
[Old version datasheet]   High-Voltage System Power Management Device with PMBus?
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com