Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA5317PS Datasheet(PDF) 10 Page - Fuji Electric

Part # FA5317PS
Description  Bipolar IC For Switching Power Supply Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5317PS Datasheet(HTML) 10 Page - Fuji Electric

Back Button FA5317PS Datasheet HTML 6Page - Fuji Electric FA5317PS Datasheet HTML 7Page - Fuji Electric FA5317PS Datasheet HTML 8Page - Fuji Electric FA5317PS Datasheet HTML 9Page - Fuji Electric FA5317PS Datasheet HTML 10Page - Fuji Electric FA5317PS Datasheet HTML 11Page - Fuji Electric FA5317PS Datasheet HTML 12Page - Fuji Electric FA5317PS Datasheet HTML 13Page - Fuji Electric FA5317PS Datasheet HTML 14Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FA531X series
(2) Startup circuit connected to rectified line
This method is not suitable for FA531X, especially concerned
with re-startup operation just after power-off or startup which
AC input voltage goes up slowly. Fig. 21 shows a startup
circuit that a startup resistor RA is connected to rectified line
directly.
The period from power-on to startup is determined by RA, RB
and CA. RA, RB and CA must be designed to satisfy the
following equations.
dVcc/dt(V/s)=
(1/CA)•{( VIN –Vccon )/RA– Vccon/RB–Iccst } >
1.8/(Cs(
µF))..........................................(8)
RA(k
Ω) < ( VIN– 9.2(V) )/{ 0.4(mA) + ( 9.2(V)/RB(kΩ) ) }....(9)
VIN :
2 • (AC input effective voltage)
After power-off, once VCC falls down below OFF threshold
voltage, VCC rises up again and re-startup occurs while the
capacitor C1 is discharged until approximately zero because
VCC voltage rises up by the current flowing RA.
This operation is repeated several times.
After the repeated operation, IC stops in the condition that VCC
voltage is equal to Vccon (=ON threshold) because capacitor
C1 is discharged gradually and the decreased VCC inclination
is out of the condition required by equation (4). After that, re-
startup by power-on can not be guaranteed even when
equation (8) is satisfied.
The image of that the startup is impossible is shown in Fig. 22.
It is necessary to startup IC that supply current Icc(startup) to
VCC is over 4mA in the condition of Tj < 100
°C during Vcc is
kept at Vccon( 16V, balance state at Vccon after the repeated
operation.
Icc(start-up) > 4mA
at Vcc=Vccon, Tj<100
°C, after power-off
This balance state that startup is impossible tends to occur at
higher temperature. If power-on is done when Vcc is not kept
at Vccon (for example:power-off is done and after enough time
that C1 is discharged until Vcc can not be pulled up to Vccon),
the IC can startup in the condition given by equation(8).
In some cases, such as when the load current of power supply
is changed rapidly, you may want to prolong the hold time of
the power supply output by means of maintaining Vcc over the
off threshold.
For this purpose, connect diode D4 and electrolytic capacitor
C4 as shown in Fig. 23. This prolongs the hold time of the
power supply voltage Vcc regardless of the period from power-
on to startup.
Fig. 21 Startup circuit example(2)
Fig. 22 A image of waveform when re-startup is impossible
Fig. 23 Startup circuit example(3)
Startup is impossible
Power ON
Power OFF
Vccon
Vccoff
Startup is impossible (dVcc/dt <1.8/Cs
just before Vcc reaches Vccon).
Icc>4mA is necessary for startup at
Tj <100
°C and dVcc/dt=0.


Similar Part No. - FA5317PS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5317PS

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com