Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HPGV-1KPSIG-M Datasheet(PDF) 1 Page - Ralston Instruments.

Part No. HPGV-1KPSIG-M
Description  Pressure source and gauge in one hand. Directly connect to a process connection and calibrate using your precision gauge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

HPGV-1KPSIG-M Datasheet(HTML) 1 Page - Ralston Instruments.

  HPGV-1KPSIG-M_14 Datasheet HTML 1Page - Ralston Instruments. HPGV-1KPSIG-M_14 Datasheet HTML 2Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HPGV-1KPSIG-M
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
HPGV-1KPSIG-M
HPGV (3000 psi / 210 bar) pump, 1000 psi analog gauge, 3ft
hose, 1/4" MNPT process connection
Pressure source and gauge in one hand.
Directly connect to a process connection and
calibrate using your precision gauge.
Features
• Portable, hand operated hydraulic pumps that easily generate
up to 3000 psi (210 bar) with HPGV or 5000 psi (350 bar)
with XHGV pumps
• Fine adjustment piston provides an easy way to fine tune
exact pressure
• Vent valve is both durable and precise
• Liquid reservoir holds enough fluid for multiple calibrations
• Marine brass construction resists corrosion and abuse
• Quick-disconnect gauge adapter allows changing gauges
without using a wrench
• Low volume Quick-test hose, gauge adapter and process
connection can be attached to pump without thread sealant
or a wrench
• Made in U.S.A.
Item Includes
• Hand Pump - HPGV Assembly (HPGV)
• Gauge - 0-1000 psig Analog Test Gauge (±0.5% full scale accuracy) (GAUG-1000)
• Gauge Adapter - 1/4" Female NPT swivel, brass (SWIV-2FBW)
• Hose - Quick-test 6900 psi hose, brass hose ends, 3 ft (92 cm) long (QTQT-HOS-3ft)
• Hose Adapter - 1/4" male NPT x male Quick-test, no check-valve, brass (QTHA-2MB0)
Specifications
Pressure Range
0 to 3000 psi (0 to 207 bar)
Gauge Pressure Range
0 to 1000 psig
Media
Ralston Calibration Oil, mineral based oil, water
Outlet Port
Male Quick-test outlet port with check valve, brass
Temperature Range
0 to 130 °F (-18 to 54 °C)
Gauge Temperature
Range
-40 to 140 °F (-40 to 60 °C)
Construction
Anodized Aluminum, Brass, Plated Steel, Stainless Steel
Seal Materials
Buna-N, Delrin, Synthetic Cork, Teflon
Fine Adjust Resolution
±1.00 psi


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn