Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVXH0402-140C100TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NVXH0402-140C100TRF
Description  Surface Mount Varistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVXH0402-140C100TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NVXH0402-140C100TRF Datasheet HTML 1Page - NIC-Components Corp. NVXH0402-140C100TRF Datasheet HTML 2Page - NIC-Components Corp. NVXH0402-140C100TRF Datasheet HTML 3Page - NIC-Components Corp. NVXH0402-140C100TRF Datasheet HTML 4Page - NIC-Components Corp. NVXH0402-140C100TRF Datasheet HTML 5Page - NIC-Components Corp. NVXH0402-140C100TRF Datasheet HTML 6Page - NIC-Components Corp. NVXH0402-140C100TRF Datasheet HTML 7Page - NIC-Components Corp. NVXH0402-140C100TRF Datasheet HTML 8Page - NIC-Components Corp. NVXH0402-140C100TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Varistor
NVX Series
FEATURES
• MULTILAYER CONSTRUCTION
• TRANSIENT VOLTAGE (ESD, I/O, EFT AND BURST) PROTECTION
• -55°C ~ +125°C TEMPERATURE RANGE
• EIA SIZES 0402, 0603, 0805 AND 1206
• HIGH CURRENT RATING (UP TO 200A)
• FAST RESPONSE (LESS THAN 0.5nS)
• LOW CLAMPING VOLTAGES
• REFLOW SOLDERING COMPATIBLE
*1 - Maximum peak voltage across the varistor measured at a specified pulse current and waveform.
Energy Rating Pulse & Waveform: 0.00- 0.05 Joule 1A, 8/20μs, 0.10 Joule 2A, 8/20μs, 0.20- 0.50 Joule 5A, 8/20μs
*2 - Maximum peak voltage across the varistor measured at 30ns after initiation of pulse on IEC61000-4-2 30A/8KV.
Please specify the capacitance tolerance code (N=±30%, Y=+100%~-50%).
Inquiries for custom products are welcome, please contact local NIC sales personnel to review your requirements.
NVX
0603 N 5R5 C121
F
RoHS Compliant
Tape & Reel
Working Voltage: See Specifications Tables
Case Size: 0402, 0603, 0805 AND 1206
Series
PART NUMBERING SYSTEM
TR
Capacitance Code (pF - 1st & 2nd = significant figures, 3rd = multiplier )
Capacitance Tolerance: N = ±30%, Y = +100%/-50%
A
Usage Code: A = General, E = ESD, H = High Speed, L = Low Capacitance & Low Working Voltage
Type
L
W
T
p
NVX_0402
1.0 ± 0.15
0.5 ± 0.15
0.5 ± 0.15
0.25 ± 0.1
NVX_0603
1.6 ± 0.15
0.8 ± 0.15
0.8 ± 0.15
0.3 ± 0.2
NVX_0805
2.0 ± 0.2
1.25 ± 0.2
0.85 ± 0.2
0.5 ± 0.3
NVX_1206
3.2 ± 0.2
1.6 ± 0.2
0.85 ± 0.2
0.5 ± 0.3
Termination Finish: 100% Sn finish
over Ni barrier
L
P
T
W
CASE SIZE DIMENSIONS (mm)


Similar Part No. - NVXH0402-140C100TRF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVX08B800DT1 ONSEMI-NVX08B800DT1 Datasheet
663Kb / 10P
   Automotive Power MOSFET Module
September, 2022 - Rev. 0
NVX08H250DT1 ONSEMI-NVX08H250DT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H300DT1 ONSEMI-NVX08H300DT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H350XT1 ONSEMI-NVX08H350XT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H400XT1 ONSEMI-NVX08H400XT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022-Rev. 0
More results

Similar Description - NVXH0402-140C100TRF

ManufacturerPart #DatasheetDescription
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
logo
StarHope
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com