Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA7610CN Datasheet(PDF) 1 Page - Fuji Electric

Part # FA7610CN
Description  FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7610CN Datasheet(HTML) 1 Page - Fuji Electric

  FA7610CN Datasheet HTML 1Page - Fuji Electric FA7610CN Datasheet HTML 2Page - Fuji Electric FA7610CN Datasheet HTML 3Page - Fuji Electric FA7610CN Datasheet HTML 4Page - Fuji Electric FA7610CN Datasheet HTML 5Page - Fuji Electric FA7610CN Datasheet HTML 6Page - Fuji Electric FA7610CN Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FA7610CP(N)/FA7612CP(N)/FA7617CP(N)
1
s Description
The FA7610CP(N), 7612CP(N) and 7617CP(N) are bipolar
ICs containing basic circuits necessary for PWM-type
switching power supply control.
To minimize the number of external discrete components, the
FA7610CP(N) is provided for a flyback or step-up power-
supply circuit, the FA7612CP(N) for a step-down power-supply
circuit and FA7617CP(N) for a flyback power supply circuit.
s Features
FA7610CP(N)
• For flyback transformer-type or step-up power-supply circuit
(maximum output duty = 64% typical)
• Totem-pole predriver
• PWM-type switching power supply control
• Low-voltage operation (VCC = 3.6 to 22V)
• Latch-mode short-circuit protection function (no malfunction
by noise)
• Soft-start function
• Undervoltage lockout function
• One capacitor shared for short circuit protection and for soft-
start to minimize the number of external discrete components
FA7612CP(N)
• For step-down power-supply circuit
(maximum output duty = up to 100%)
• Open collector output
• PWM-type switching power supply control
• Low-voltage operation (VCC = 3.6 to 22V)
• Latch-mode short-circuit protection function (no malfunction
by noise)
• Soft-start function
• Undervoltage lockout function
• One capacitor shared for short circuit protection and for soft-
start to minimize the number of external discrete components
FA7617CP(N)
• For flyback transformer-type power-supply circuit (maximum
output duty = 67% typical)
• Open collector output
• PWM-type switching power supply control
• Low-voltage operation (VCC = 3.6 to 22V)
• Latch-mode short-circuit protection function (no malfunction
by noise)
• Soft-start function
• Undervoltage lockout function
• One capacitor shared for short circuit protection and for soft-
start to minimize the number of external discrete components
s Applications
• Battery power supply for portable equipment
s Dimensions, mm
SOP-8
4.9
0.4±0.1
1.27±0.2
1
4
8
5
DIP-8
Bipolar IC
For Switching Power Supply Control
FA7610CP(N)/12CP(N)/17CP(N)
1
8
5
4
9.3
7.6
1.5
0~15˚
0~15˚
0.5±0.1
2.54±0.25
0.3
+0.1
–0.05


Similar Part No. - FA7610CN

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7611 FUJI-FA7611 Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7611CPE FUJI-FA7611CPE Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CPE FUJI-FA7613CPE Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA7610CN

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com