Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVXA1206-140C122TRF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NVXA1206-140C122TRF
Description  Surface Mount Varistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVXA1206-140C122TRF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NVXA1206-140C122TRF Datasheet HTML 1Page - NIC-Components Corp. NVXA1206-140C122TRF Datasheet HTML 2Page - NIC-Components Corp. NVXA1206-140C122TRF Datasheet HTML 3Page - NIC-Components Corp. NVXA1206-140C122TRF Datasheet HTML 4Page - NIC-Components Corp. NVXA1206-140C122TRF Datasheet HTML 5Page - NIC-Components Corp. NVXA1206-140C122TRF Datasheet HTML 6Page - NIC-Components Corp. NVXA1206-140C122TRF Datasheet HTML 7Page - NIC-Components Corp. NVXA1206-140C122TRF Datasheet HTML 8Page - NIC-Components Corp. NVXA1206-140C122TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Max. Working
Voltage <20mA
Varistor
Voltage
@1mA DC
(Volts)
Max. Clamping
Voltage
Rated Single Pulse Transient
Typical Capacitance
@0.5Vrms, 1MHz
(pF)
8/20
μs
(Volts
*1 )
ESD
(Volts
*2)
Energy
10/1000
μs
(Joules)
Peak Current
8/20
μs
(Amps)
VDC
VAC
RMS
NVXH0402_140C100TRF
14
10
16.0 ~ 22.0
30
39
0.005
2.0
10
NVXH0402_140C120TRF
14
10
16.0 ~ 22.0
30
39
0.005
2.0
12
NVXH0402_180C050TRF
18
12.7
22.0 ~ 28.0
40
48
0.005
2.0
5.0
NVXH0402_180C100TRF
18
12.7
22.0 ~ 28.0
40
48
0.005
2.0
10
NVXH0402_260C030TRF
26
18.4
31.0 ~ 38.0
58
70
0.003
1.0
3.0
NVXH0402_260C100TRF
26
18.4
31.0 ~ 38.0
58
70
0.005
2.0
10
NVXH0402_260C120TRF
26
18.4
31.0 ~ 38.0
58
70
0.005
2.0
12
Part Number
Max. Working
Voltage <20mA
Varistor
Voltage
@1mA DC
(Volts)
Max. Clamping
Voltage
Rated Single Pulse Transient
Typical Capacitance
@0.5Vrms, 1MHz
(pF)
8/20
μs
(Volts
*1 )
ESD
(Volts
*2)
Energy
10/1000
μs
(Joules)
Peak Current
8/20
μs
(Amps)
VDC
VAC
RMS
NVXH0603_140C100TRF
14
10
16.0 ~ 22.0
30
39
0.005
2.0
10
NVXH0603_140C120TRF
14
10
16.0 ~ 22.0
30
39
0.005
2.0
12
NVXH0603_180C050TRF
18
12.7
22.0 ~ 28.0
40
48
0.003
1.0
5.0
NVXH0603_180C100TRF
18
12.7
22.0 ~ 28.0
40
48
0.005
2.0
10
NVXH0603_180C120TRF
18
12.7
22.0 ~ 28.0
40
48
0.005
2.0
12
NVXH0603_260C030TRF
26
18.4
31.0 ~ 38.0
58
70
0.003
1.0
3.0
NVXH0603_260C100TRF
26
18.4
31.0 ~ 38.0
58
70
0.005
2.0
10
NVXH0603_260C120TRF
26
18.4
31.0 ~ 38.0
58
70
0.005
2.0
12
Surface Mount Varistor
NVX Series
NVXH 0402 SPECIFICATIONS (FOR HIGH SPEED APPLICATIONS)
NVXH 0603 SPECIFICATIONS (FOR HIGH SPEED APPLICATIONS)
"_" = Add Capacitance Tolerance: N = ±30%, Y = +100%/-50%
"_" = Add Capacitance Tolerance: N = ±30%, Y = +100%/-50%
Part Number
Max. Working
Voltage <20mA
Varistor
Voltage
@1mA DC
(Volt)
Max. Clamping
Voltage
Rated Single Pulse Transient
Typical Capacitance
@0.5Vrms, 1MHz
(pF)
8/20
μs
(Volts
*1 )
ESD
(Volts
*2)
Energy
10/1000
μs
(Joules)
Peak Current
8/20
μs
(Amps)
VDC
VAC
RMS
NVXE0805_5R5C180TRF
5.5
4.0
10.0 ~ 14.0
18
23
0.005
3.0
18
NVXE0805_180C101TRF
18
12.7
22.0 ~ 28.0
40
48
0.05
20
100
NVXE0805_260C800TRF
26
18.4
31.0 ~ 38.0
58
70
0.05
20
80
NVXE0805_300C500TRF
30
21.3
37.0 ~ 46.0
65
78
0.05
15
50
NVXE 0805 SPECIFICATIONS (FOR ESD APPLICATIONS)
"_" = Add Capacitance Tolerance: N = ±30%, Y = +100%/-50%


Similar Part No. - NVXA1206-140C122TRF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVX08B800DT1 ONSEMI-NVX08B800DT1 Datasheet
663Kb / 10P
   Automotive Power MOSFET Module
September, 2022 - Rev. 0
NVX08H250DT1 ONSEMI-NVX08H250DT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H300DT1 ONSEMI-NVX08H300DT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H350XT1 ONSEMI-NVX08H350XT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H400XT1 ONSEMI-NVX08H400XT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022-Rev. 0
More results

Similar Description - NVXA1206-140C122TRF

ManufacturerPart #DatasheetDescription
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
logo
StarHope
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com