Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4570 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM4570
Description  Single-Ended Input Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4570 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4570 Datasheet HTML 6Page - Texas Instruments LM4570 Datasheet HTML 7Page - Texas Instruments LM4570 Datasheet HTML 8Page - Texas Instruments LM4570 Datasheet HTML 9Page - Texas Instruments LM4570 Datasheet HTML 10Page - Texas Instruments LM4570 Datasheet HTML 11Page - Texas Instruments LM4570 Datasheet HTML 12Page - Texas Instruments LM4570 Datasheet HTML 13Page - Texas Instruments LM4570 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jan-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LM4570LQ/NOPB
ACTIVE
WQFN
NGP
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 85
GC8
LM4570LQX/NOPB
ACTIVE
WQFN
NGP
8
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 85
GC8
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Only one of markings shown within the brackets will appear on the physical device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - LM4570

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4570 NSC-LM4570 Datasheet
619Kb / 12P
   Single-Ended Input Motor Driver
LM4570LQ NSC-LM4570LQ Datasheet
619Kb / 12P
   Single-Ended Input Motor Driver
More results

Similar Description - LM4570

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4570 NSC-LM4570 Datasheet
619Kb / 12P
   Single-Ended Input Motor Driver
logo
New Japan Radio
NJW4372 NJRC-NJW4372 Datasheet
226Kb / 1P
   Pulse Input Stepper Motor Driver
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI-OPA862_V02 Datasheet
3Mb / 37P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Texas Instruments
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
   Single-ended Input and Output
logo
Texas Instruments
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com