Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3673 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2MHz, 350mA Step-Down DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3673 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 5Page - Texas Instruments LM3673 Datasheet HTML 6Page - Texas Instruments LM3673 Datasheet HTML 7Page - Texas Instruments LM3673 Datasheet HTML 8Page - Texas Instruments LM3673 Datasheet HTML 9Page - Texas Instruments LM3673 Datasheet HTML 10Page - Texas Instruments LM3673 Datasheet HTML 11Page - Texas Instruments LM3673 Datasheet HTML 12Page - Texas Instruments LM3673 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM3673
www.ti.com
SNVS434J – JULY 2006 – REVISED NOVEMBER 2006
Typical Performance Characteristics (continued)
LM3673TL, Circuit of Figure 1, VIN= 3.6V, VOUT= 1.5V, TA= 25°C, unless otherwise noted.
Start Up into PWM Mode
Start Up into PFM Mode
VOUT = 1.5V (Output Current= 150mA)
VOUT = 1.5V (Output Current= 5mA)
Operation Description
DEVICE INFORMATION
The LM3673, a high efficiency step down DC-DC switching buck converter, delivers a constant voltage from a
single Li-Ion battery and input voltage ranging from 2.7V to 5.5V to portable devices such as cell phones and
PDAs. Using a voltage mode architecture with synchronous rectification, the LM3673 has the ability to deliver up
to 350 mA depending on the input voltage, output voltage, ambient temperature and the inductor chosen.
There are three modes of operation depending on the current required - PWM (Pulse Width Modulation), PFM
(Pulse Frequency Modulation), and shutdown. The device operates in PWM mode at load current of
approximately 80 mA or higher. Lighter load current cause the device to automatically switch into PFM for
reduced current consumption (IQ = 16 µA typ) and a longer battery life. Shutdown mode turns off the device,
offering the lowest current consumption.
(ISHUTDOWN = 0.01 µA typ)
Additional features include soft-start, under voltage protection, current overload protection, and thermal shutdown
protection. As shown in Figure 1, only three external power components are required for implementation.
The part uses an internal reference voltage of 0.5V. It is recommended to keep the part in shutdown until the
input voltage is 2.7V or higher.
CIRCUIT OPERATION
During the first portion of each switching cycle, the control block in the LM3673 turns on the internal PFET
switch. This allows current to flow from the input through the inductor to the output filter capacitor and load. The
inductor limits the current to a ramp with a slope of (VIN–VOUT)/L, by storing energy in a magnetic field.
During the second portion of each cycle, the controller turns the PFET switch off, blocking current flow from the
input, and then turns the NFET synchronous rectifier on. The inductor draws current from ground through the
NFET to the output filter capacitor and load, which ramps the inductor current down with a slope of - VOUT/L.
The output filter stores charge when the inductor current is high, and releases it when inductor current is low,
smoothing the voltage across the load.
The output voltage is regulated by modulating the PFET switch on time to control the average current sent to the
load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the switch and
synchronous rectifier at the SW pin to a low-pass filter formed by the inductor and output filter capacitor. The
output voltage is equal to the average voltage at the SW pin.
PWM OPERATION
During PWM operation the converter operates as a voltage-mode controller with input voltage feed forward. This
allows the converter to achieve good load and line regulation. The DC gain of the power stage is proportional to
the input voltage. To eliminate this dependence, feed forward inversely proportional to the input voltage is
introduced.
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3673


Similar Part No. - LM3673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3673 TI-LM3673 Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM3673TL-1.2/NOPB TI-LM3673TL-1.2/NOPB Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM3673TL-1.5/NOPB TI-LM3673TL-1.5/NOPB Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM3673TL-1.8/NOPB TI-LM3673TL-1.8/NOPB Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM3673TL-ADJ/NOPB TI-LM3673TL-ADJ/NOPB Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
More results

Similar Description - LM3673

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
AiT Semiconductor Inc.
A7115B AITSEMI-A7115B Datasheet
408Kb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1.5A 2MHz SYNCHRONOUS
REV1.4 - MAY 2018
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com