Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3552 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3552
Description  1A White LED Driver with Flash Timeout Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3552 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3552 Datasheet HTML 5Page - Texas Instruments LM3552 Datasheet HTML 6Page - Texas Instruments LM3552 Datasheet HTML 7Page - Texas Instruments LM3552 Datasheet HTML 8Page - Texas Instruments LM3552 Datasheet HTML 9Page - Texas Instruments LM3552 Datasheet HTML 10Page - Texas Instruments LM3552 Datasheet HTML 11Page - Texas Instruments LM3552 Datasheet HTML 12Page - Texas Instruments LM3552 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
CFTO
SD
T/F
ITO
INTERNAL EN
T/F
INTERNAL EN
VCFTO
VTRIP
EXTERNAL/INTERNAL
FTO
SD / EN
SD / EN
EN
LM3551, LM3552
www.ti.com
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
Under-Voltage Protection (UVP)
Both the LM3551 and LM3552 have under-voltage protection circuitry (UVP). This protects the NMOS power
device during startup and shutdown by preventing operation at voltages less than the minimum input voltage.
The UVP protection is enabled at 2.48V(typ.) and will not disable until the input voltage rises above 2.58V(typ.) .
Torch/Flash Pin (T/F)
The TORCH/FLASH pin (T/F) controls whether the LM3551/2 is in continuous torch mode, or in flash mode. A
logic '0' places the part into torch mode and a logic '1' places the part into flash mode. There are no pull-ups or
pull-downs internally connected to T/F. When placed into torch mode, FET-T is enabled allowing the current set
by RT to flow. In torch mode, FET-F is not enabled. Flash mode enables both FET-T and FET-F allowing the sum
total of the current set by the two external resistors, RT and RF, to flow.
Flash Timeout Protection (FTP)
When SD is low(LM3551) or EN is high(LM3552), and T/F is high, a current is output to an external capacitor,
CFTO. This causes the voltage on the capacitor to rise. If the voltage reaches Vtrip (1.16V(typ)), the timeout circuit
forces the INTERNAL_EN signal to go low, which in turn shuts-off the low-side torch and flash FETs in addition
to disabling the main power SW FET. At such time, the LED will be turned off. The part will remain disabled until
SD is pulled high (LM3551) or EN is pulled low (LM3552) and/or T/F is pulled low. At that point, the part will
return to normal operating mode. The diagram below shows a first pulse which exceeds the timeout period and
internal_EN being driven low. The second FLASH pulse is shorter than the timeout period and therefore the
voltage on CFTO never reaches Vtrip. For information on component selection, please see the FLASH TIMEOUT
EQUATIONS below.
TFTO = CFTO × (ΔVFTO ÷ IFTO)
(1)
ΔVFTO = 1.16V and IFTO= 1.4µA TFTO = Desired Timeout Duration
(2)
CFTO(µF) = TFTO(sec.) × 1.21(µA/V)
(3)
To disable the timeout function, ground the FTO pin.
Figure 15. Flash Timeout Protection Diagram
Copyright © 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3551 LM3552


Similar Part No. - LM3552

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3552 NSC-LM3552 Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3552 NSC-LM3552 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3552 TI1-LM3552 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
National Semiconductor ...
LM3552SD NSC-LM3552SD Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3552SD NSC-LM3552SD Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
More results

Similar Description - LM3552

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3551 NSC-LM3551 Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
   1A, 55V, Programmable Frequency White LED Driver
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
   4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
   1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com