Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM3500 Datasheet(PDF) 12 Page - Texas Instruments

Part No. LM3500
Description  Synchronous Step-up DC/DC Converter for White LED Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM3500 Datasheet(HTML) 12 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
T
1
T
1
2
4
LM3500
SNVS231F – MAY 2004 – REVISED APRIL 2007
www.ti.com
Typical Performance Characteristics (continued)
Start-Up: LM3500-21
SHDN Pin Duty Cycle Control Waveforms
LM3500-16, 3 LEDs, RLED = 22Ω, VIN = 3.0V, SHDN frequency =
3 LEDs, RLED = 22Ω, VIN = 3.0V
200Hz
1) SHDN, 1V/div, DC
1) SHDN, 1V/div, DC
4) IL, 100mA/div, DC
2) IL, 100mA/div, DC
2) VOUT, 10/div, DC
3) ILED, 20mA/div, DC
T = 200µs/div
4) VOUT, 10V/div, DC
VCONT = 2.7V
T = 1ms/div
Typical VOUT Ripple, OVP Functioning: LM3500-16
Typical VOUT Ripple, OVP Functioning: LM3500-21
VOUT open circuit and equals approximately 15V DC, VIN = 3.0V
VOUT open circuit and equals approximately 20V DC, VIN = 3.0V
3) VOUT, 200mV/div, AC
1) VOUT, 200mV/div, AC
T = 1ms/div
T = 400µs/div
12
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM3500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn