Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM3500 Datasheet(PDF) 10 Page - Texas Instruments

Part No. LM3500
Description  Synchronous Step-up DC/DC Converter for White LED Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM3500 Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
0
2
4
6
8 10 12 14 16 18 20 22
VOUT (V)
T = -40qC
T = 125qC
T = 25qC
0
50
100
150
200
250
300
350
400
-40
-15
10
35
60
85
INPUT VOLTAGE (V)
240
260
280
300
320
340
360
380
400
420
440
= 3.0V
IN
V
= 4.2V
IN
V
= 5.5V
IN
V
-40
-15
10
35
60
85
TEMPERATURE (ºC)
500
600
700
800
900
1000
1100
1200
1300
VIN = 3.0V
VIN = 4.2V
VIN = 5.5V
-40
-15
10
35
60
85
TEMPERATURE (ºC)
450
500
550
600
650
700
750
800
850
VIN = 3.0V
VIN = 4.2V
VIN = 5.5V
LM3500
SNVS231F – MAY 2004 – REVISED APRIL 2007
www.ti.com
Typical Performance Characteristics (continued)
Switch Current Limit vs Temperature
Switch Current Limit vs Temperature
LM3500-21, VOUT=8V
LM3500-21, VOUT=12V
Oscillator Frequency
Switch Current Limit vs Temperature
vs
LM3500-21, VOUT=18V
VIN
VOUT DC Bias
VOUT DC Bias
vs
vs
VOUT Voltage: LM3500-16
VOUT Voltage: LM3500-21
10
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM3500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn