Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM3500 Datasheet(PDF) 9 Page - Texas Instruments

Part No. LM3500
Description  Synchronous Step-up DC/DC Converter for White LED Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM3500 Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
200
300
400
500
600
700
800
900
1000
1100
2.5
3.0 3.5
4.0
4.5 5.0
5.5
6.0
6.5
INPUT VOLTAGE (V)
VOUT = 18V
VOUT = 8V
V O
UT
=
12
V
VO
UT
= 1
5V
LM3500
www.ti.com
SNVS231F – MAY 2004 – REVISED APRIL 2007
Typical Performance Characteristics (continued)
Output Power
Output Power
vs
vs
VIN: LM3500-16
Temperature: LM3500-16
(L = Coilcraft DT1608C-223)
(L = Coilcraft DT1608C-223)
Switch Current Limit
Switch Current Limit
vs
vs
Temperature
VIN: LM3500-16
LM3500-16, VOUT=8V
Switch Current Limit
vs
Switch Current Limit
Temperature
vs
LM3500-16, VOUT=12V
VIN: LM3500-21
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn