Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM3500 Datasheet(PDF) 6 Page - Texas Instruments

Part No. LM3500
Description  Synchronous Step-up DC/DC Converter for White LED Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM3500 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM3500
SNVS231F – MAY 2004 – REVISED APRIL 2007
www.ti.com
Specifications in standard type face are for TJ = 25°C and those in boldface type apply over the full Operating Temperature
Range (TJ = −40°C to +125°C). Unless otherwise specified VIN =2.7V and specification apply to both LM3500-16 and
LM3500-21.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IQ
Quiescent Current, Device Not
FB > 0.54V
0.95
1.2
Switching
mA
Quiescent Current, Device
FB = 0V
1.8
2.5
Switching
Shutdown
SHDN = 0V
0.1
2
µA
VFB
Feedback Voltage
VIN = 2.7V to 7V
0.47
0.5
0.53
V
ΔVFB
Feedback Voltage Line
VIN = 2.7V to 7V
0.1
0.4
%/V
Regulation
ICL
Switch Current Limit (LM3500-
VIN = 3.0V, Duty Cycle = 70%
400
16)
mA
Switch Current Limit (LM3500-
VIN = 3.0V, Duty Cycle = 63%
670
21)
IB
FB Pin Bias Current
FB = 0.5V (3)
45
200
nA
VIN
Input Voltage Range
2.7
7.0
V
RDSON
NMOS Switch RDSON
VIN = 2.7V, ISW = 300mA
0.43
PMOS Switch RDSON
VOUT = 6V, ISW = 300mA
1.1
2.3
DLimit
Duty Cycle Limit (LM3500-16)
FB = 0V
87
%
Duty Cycle Limit (LM3500-21)
FB = 0V
94
FSW
Switching Frequency
0.8
1.0
1.2
MHz
ISD
SHDN Pin Current (4)
SHDN = 5.5V
18
30
SHDN = 2.7V
9
16
µA
SHDN = GND
0.1
IL
Switch Leakage Current
VSW = 15V
0.01
0.5
µA
(LM3500-16)
Switch Leakage Current
VSW = 20V
0.01
2.0
(LM3500-21)
UVP
Input Undervoltage Lockout
ON Threshold
2.4
2.5
2.6
V
OFF Threshold
2.3
2.4
2.5
OVP
Output Overvoltage Protection
ON Threshold
15
15.5
16
(LM3500-16)
OFF Threshold
14
14.6
15
V
Output Overvoltage Protection
ON Threshold
20
20.5
21
(LM3500-21)
OFF Threshold
19
19.5
20
IVout
VOUT Bias Current (LM3500-
VOUT = 15V, SHDN = VIN
260
400
16)
µA
VOUT Bias Current (LM3500-
VOUT = 20V, SHDN = VIN
300
460
21)
IVL
PMOS Switch Leakage
VOUT = 15V, VSW = 0V
0.01
3
Current (LM3500-16)
µA
PMOS Switch Leakage
VOUT = 20V, VSW = 0V
0.01
3
Current (LM3500-21)
SHDN
SHDN Low
0.65
0.3
V
Threshold
SHDN High
1.1
0.65
(1)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Feedback current flows out of the pin.
(4)
Current flows into the pin.
6
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM3500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn