Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM3500 Datasheet(PDF) 5 Page - Texas Instruments

Part No. LM3500
Description  Synchronous Step-up DC/DC Converter for White LED Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM3500 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM3500
www.ti.com
SNVS231F – MAY 2004 – REVISED APRIL 2007
Electrical Characteristics (continued)
Specifications in standard type face are for TA = 25°C and those in boldface type apply over the Operating Temperature
Range of TA = −10°C to +85°C. Unless otherwise specified VIN =2.7V and specification apply to both LM3500-16 and
LM3500-21.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IVL
PMOS Switch Leakage
VOUT = 15V, VSW = 0V
0.01
3
Current (LM3500-16)
µA
PMOS Switch Leakage
VOUT = 20V, VSW = 0V
0.01
3
Current (LM3500-21)
SHDN
SHDN Low
0.65
0.3
V
Threshold
SHDN High
1.1
0.65
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn