Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3500 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3500
Description  Synchronous Step-up DC/DC Converter for White LED Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3500 Datasheet(HTML) 3 Page - Texas Instruments

  LM3500_14 Datasheet HTML 1Page - Texas Instruments LM3500_14 Datasheet HTML 2Page - Texas Instruments LM3500_14 Datasheet HTML 3Page - Texas Instruments LM3500_14 Datasheet HTML 4Page - Texas Instruments LM3500_14 Datasheet HTML 5Page - Texas Instruments LM3500_14 Datasheet HTML 6Page - Texas Instruments LM3500_14 Datasheet HTML 7Page - Texas Instruments LM3500_14 Datasheet HTML 8Page - Texas Instruments LM3500_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM3500
www.ti.com
SNVS231F – MAY 2004 – REVISED APRIL 2007
FB(pin B3): Output voltage feedback connection. Set the primary White LED network current with a resistor from
the FB pin to GND. Keep the current setting resistor close to the device and connected between the FB and
GND pins.
NC(pin A3): No internal connection is made to this pin. The maximum allowable voltage that can be applied to
this pin is 7.5V.
SHDN(pin A2): Shutdown control pin. Disable the device with a voltage less than 0.3V and enable the device
with a voltage greater than 1.1V. The white LED current can be controlled using a PWM signal at this pin. There
is an internal pull down on the SHDN pin, the device is in a normally off state.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN
−0.3V to 7.5V
VOUT (LM3500-16)
(2)
−0.3V to 16V
VOUT (LM3500-21)
(2)
−0.3V to 21V
VSW
(2)
−0.3V to VOUT+0.3V
FB, SHDN, and NC Voltages
−0.3V to 7.5V
Maximum Junction Temperature
150°C
Lead Temperature
(3)
300°C
ESD Ratings (4)
Human Body Model
2kV
Machine Model
200V
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test
conditions, see the Electrical Characteristics.
(2)
This condition applies if VIN < VOUT. If VIN > VOUT, a voltage greater than VIN + 0.3V should not be applied to the VOUT or VSW pins.
(3)
For more detailed soldering information and specifications, please refer to National Semiconductor Application Note 1112: Micro SMD
Wafer Level Chip Scale Package (AN-1112), available at www.national.com.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Operating Conditions
Ambient Temperature
(1)
−40°C to +85°C
Junction Temperature
−40°C to +125°C
Supply Voltage
2.7V to 7V
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125ºC), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction to Ambient Thermal Resistance (
θJA)
(1)
75°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is highly application and board-layout dependent. The 75ºC/W figure provided was
measured on a 4-layer test board conforming to JEDEC standards. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues when designing the board layout.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3500


Similar Part No. - LM3500_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3500TL-16 NSC-LM3500TL-16 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
logo
Texas Instruments
LM3500TL-16/NOPB TI1-LM3500TL-16/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500TL-21 NSC-LM3500TL-21 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
logo
Texas Instruments
LM3500TL-21/NOPB TI1-LM3500TL-21/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500TLX-16 NSC-LM3500TLX-16 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
More results

Similar Description - LM3500_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
[Old version datasheet]   LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
   DC-DC Step-Up Converter for White LED
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
   Step Up Type DC/DC Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com