Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM3500 Datasheet(PDF) 18 Page - Texas Instruments

Part No. LM3500
Description  Synchronous Step-up DC/DC Converter for White LED Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM3500 Datasheet(HTML) 18 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
GND
FB
VSW
VIN
SHDN
L
22 PH
LM3500-16
VOUT
AGND
A1
NC
C3
B1
C1
C2
B3
A2
A3
<0.3V
>1.1V
VIN
2.7V - 5.5V
R1
24:
COUT
1PF
Ceramic
CIN
1PF
Ceramic
R2
24:
GND
FB
VSW
VIN
SHDN
L
22 PH
LM3500-16
VOUT
AGND
A1
NC
C3
B1
C1
C2
B3
A2
A3
<0.3V
>1.1V
VIN
2.7V - 5.5V
R1
24:
COUT
1PF
Ceramic
CIN
1PF
Ceramic
R2
Control with DC
voltage, NMOS
FET switch, or tie
directly to ground.
GND
FB
VSW
VIN
SHDN
L
22 PH
LM3500-16
VOUT
AGND
A1
NC
C3
B1
C1
C2
B3
A2
A3
<0.3V
>1.1V
VIN
2.7V - 5.5V
R2
24:
COUT
1PF
Ceramic
CIN
1PF
Ceramic
LM3500
SNVS231F – MAY 2004 – REVISED APRIL 2007
www.ti.com
Figure 5. 2 White LED Application
Figure 6. Multiple 2 LED String Application
Figure 7. Multiple 3 LED String Application
18
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM3500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn