Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVXA0603-140C141TRF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NVXA0603-140C141TRF
Description  Surface Mount Varistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVXA0603-140C141TRF Datasheet(HTML) 9 Page - NIC-Components Corp.

  NVXA0603-140C141TRF Datasheet HTML 1Page - NIC-Components Corp. NVXA0603-140C141TRF Datasheet HTML 2Page - NIC-Components Corp. NVXA0603-140C141TRF Datasheet HTML 3Page - NIC-Components Corp. NVXA0603-140C141TRF Datasheet HTML 4Page - NIC-Components Corp. NVXA0603-140C141TRF Datasheet HTML 5Page - NIC-Components Corp. NVXA0603-140C141TRF Datasheet HTML 6Page - NIC-Components Corp. NVXA0603-140C141TRF Datasheet HTML 7Page - NIC-Components Corp. NVXA0603-140C141TRF Datasheet HTML 8Page - NIC-Components Corp. NVXA0603-140C141TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Type
A
B
P
T
F
W
Reel Quantity
NVX_0402
0.65
1.15
2.0
0.8
3.5 ± 0.05
8.0 ± 0.3
10,000
NVX_0603
1.0
1.8
4.0
1.1
4,000
NVX_0805
1.5
2.3
4,000
NVX_1206
1.9
3.5
3,000
AB
C
D
W
178 ± 2.0
58 ± 2.0
2.45 ± 0.2
13.5 ± 0.2
9.0 ± 1.5
REEL DIMENSIONS (mm)
φ1.5+0.1/-0.0
4.0 ±0.1
W
F
A
P
T
B
NVX_0402
φ1.5+0.1/-0.0
4.0 ±0.1
W
F
A
P
T
B
NVX_0603, 0805 & 1206
CARRIER DIMENSIONS (mm) AND REEL QUANTITY
RECOMMENDED REFLOW
SOLDERING TEMPERATURE PROFILE
200
300
260
50
150
100
0
60 ~120 Sec.
10 Sec.
1 ~ 2°C/Sec.
1 ~ 2°C/Sec.
Peak Temperature 260°C
Time above 240°C
20 ~ 40 Sec.
240
Note: 2 times maximum reflow
Type
A
B
C
NVX_0402
0.45 ~ 0.55 0.40 ~ 0.50
0.45 ~ 0.55
NVX_0603
0.6 ~ 0.8
0.6 ~ 0.8
0.6 ~ 0.8
NVX_0805
0.8 ~ 1.2
0.8 ~ 1.2
0.9 ~ 1.6
NVX_1206
1.8 ~ 2.5
1.0 ~ 1.5
1.2 ~ 2.0
RECOMMENDED LAND PATTERN
DIMENSIONS (mm)
A
B
C
B
Surface Mount Varistor
NVX Series
B
C
A
W
D


Similar Part No. - NVXA0603-140C141TRF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVX08B800DT1 ONSEMI-NVX08B800DT1 Datasheet
663Kb / 10P
   Automotive Power MOSFET Module
September, 2022 - Rev. 0
NVX08H250DT1 ONSEMI-NVX08H250DT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H300DT1 ONSEMI-NVX08H300DT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H350XT1 ONSEMI-NVX08H350XT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H400XT1 ONSEMI-NVX08H400XT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022-Rev. 0
More results

Similar Description - NVXA0603-140C141TRF

ManufacturerPart #DatasheetDescription
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
logo
StarHope
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com