Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVT0603S300N420TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NVT0603S300N420TRF
Description  Surface Mount Varistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVT0603S300N420TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NVT0603S300N420TRF Datasheet HTML 1Page - NIC-Components Corp. NVT0603S300N420TRF Datasheet HTML 2Page - NIC-Components Corp. NVT0603S300N420TRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
46
47
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
Surface Mount Varistor
NVT Series
FEATURES
• ULTRA LOW CAPACITANCE (AS LOW AS 0.8pF)
• EIA SIZES 0402 AND 0603
• MEETS STANDARDS OF IEC 61000-4-2, LEVEL 4
• IDEAL FOR USB2.0, IEEE1394 & HDMI HIGH SPEED DATA APPLICATIONS
• Pb-FREE REFLOW PROCESS COMPATIBLE
Case
Size
Part Number
Maximum
WVDC
1mA Voltage
(nominal)
Capacitance (pF)
Max. Peak
Current at
8/20µS, 2 Times
Max. ESD
IEC 61000-4-2
Type
1MHz
1KHz
Max. Typical Typical
0402
NVT0402H100A800TRF
10
80
1
0.8
-
-
Contact
discharge
8kV
High Speed,
Ultra Low
Capacitance
NVT0402H5R0B800TRF
5
80
2
1.5
-
-
NVT0402H5R0D500TRF
5
50
3
2.1
-
-
NVT0402H180D800TRF
18
80
3
2.1
-
-
NVT0402H180D171TRF
18
170
3
2.1
-
-
0603
NVT0603H100A800TRF
10
80
1
0.8
-
-
NVT0603H5R0D500TRF
5
50
3
2.1
-
-
NVT0603H180D800TRF
18
80
3
2.1
-
-
NVT0603H180D171TRF
18
170
3
2.1
-
-
0402
NVT0402S6R7S120TRF
6.7
12
220
150
175
10
Contact
discharge
8kV
Low Speed,
Low Capacitance
NVT0402S110R180TRF
11
18
150
120
140
10
NVT0402S130R220TRF
13
22
150
100
116
10
NVT0402S160L270TRF
16
27
47
33
37
10
NVT0402S160J270TRF
16
27
20
15
16.5
3
NVT0402S300M420TRF
30
42
56
40
45
10
0603
NVT0603S6R7T120TRF
6.7
12
330
250
290
20
NVT0603S110S180TRF
11
18
220
180
210
20
NVT0603S130S220TRF
13
22
220
160
185
20
NVT0603S160Q270TRF
16
27
100
85
100
20
NVT0603S160L270TRF
16
27
47
33
37
20
NVT0603S160J270TRF
16
27
20
15
16.5
3
NVT0603S260Q330TRF
26
33
100
85
100
20
NVT0603S300N420TRF
30
42
68
55
63
15
SPECIFICATIONS
NVT 0603 S 110 S
F
RoHS Compliant
Tape & Reel
Maximum Working Voltage
Case Size
Series
PART NUMBERING SYSTEM
180 TR
1mA Voltage
Capacitance Code (See Specifications Table)
Product type: H = Ultra low capacitance
S = Standard
Notes:
1. Maximum Allowable Voltage - max. DC voltage that can be applied continuously within the operating temperature of the part (-40°C ~+85°C).
2. Varistor Voltage - varistor starting voltage between terminals at 1mA DC (also known as the breakdown voltage)
3. Maximum Peak Current - the max. current under the standard pulse 8/20µS, 2 times based on IEC60.
4. Maximum ESD - the max. current under ESD based on IEC 61000-4-2, 10 times (5 times each positive-negative polarity).
Case Size
L
W
T
P
0402
1.00 ± 0.05
0.50 ± 0.05
0.50 ± 0.05
0.20 ± 0.10
0603
1.60 ± 0.10
0.80 ± 0.10
0.80 ± 0.10
0.30 ± 0.20
DIMENSIONS (mm)
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Termination Material: Silver (Ag) base,
Nickel (Ni) barrier, 100% Sn finish
L
P
T
W


Similar Part No. - NVT0603S300N420TRF

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
NVT075N03S NIUHANG-NVT075N03S Datasheet
750Kb / 8P
   Silicon 60V N-Channel MOSFET
More results

Similar Description - NVT0603S300N420TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NVX NIC-NVX Datasheet
221Kb / 9P
   Surface Mount Varistor
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com