Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVS0805G580BTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NVS0805G580BTRF
Description  Surface Mount Transient Voltage Suppressors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVS0805G580BTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NVS0805G580BTRF Datasheet HTML 1Page - NIC-Components Corp. NVS0805G580BTRF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Transient Voltage Suppressors
NVS Series
PART NUMBERING SPECIFICATIONS
Case
Size
Part
Number
Working*
Voltage
(Max.)
Clamping
Voltage
(Max.)
Peak
Current
(Max.)
Transient
Energy
(Max.)
Typical
C
(nF)
L
(nH)
0603
NVS0603A100ATRF
3.3V
12V
30A
0.1J
1.450
<1.0
NVS0603B150ATRF
5.6V
18V
30A
0.1J
0.750
<1.0
NVS0603C200ATRF
9.0V
22V
30A
0.1J
0.550
<1.0
NVS0603E300ATRF
14V
32V
30A
0.1J
0.350
<1.0
NVS0603F400ATRF
18V
42V
30A
0.1J
0.150
<1.0
NVS0603G580ATRF
26V
60V
30A
0.1J
0.155
<1.0
NVS0603H650ATRF
30V
67V
30A
0.1J
0.125
<1.0
0805
NVS0805A100ATRF
3.3V
12V
40A
0.1J
1.400
<1.5
NVS0805A100BTRF
3.3V
12V
120A
0.3J
5.000
<1.5
NVS0805B150ATRF
5.6V
18V
40A
0.1J
1.100
<1.5
NVS0805B150BTRF
5.6V
18V
120A
0.3J
3.000
<1.5
NVS0805C200ATRF
9.0V
22V
40A
0.1J
0.750
<1.5
NVS0805D250ATRF
12V
27V
40A
0.1J
0.525
<1.5
NVS0805E300ATRF
14V
32V
40A
0.1J
0.325
<1.5
NVS0805E300BTRF
14V
32V
120A
0.3J
0.900
<1.5
NVS0805F400ATRF
18V
42V
30A
0.1J
0.225
<1.5
NVS0805F400BTRF
18V
42V
100A
0.3J
0.550
<1.5
NVS0805G580ATRF
26V
60V
30A
0.1J
0.120
<1.5
NVS0805G580BTRF
26V
60V
100A
0.3J
0.250
<1.5
NVS0805H650ATRF
30V
67V
30A
0.1J
0.090
<1.5
1206
NVS1206A100ATRF
3.3V
12V
40A
0.1J
1.250
<1.7
NVS1206A100CTRF
3.3V
12V
150A
0.4J
4.700
<1.7
NVS1206B150ATRF
5.6V
18V
40A
0.1J
1.200
<1.7
NVS1206B150CTRF
5.6V
18V
150A
0.4J
3,000
<1.7
NVS1206E300ATRF
14V
32V
40A
0.1J
0.600
<1.7
NVS1206E300CTRF
14V
32V
150A
0.4J
1.050
<1.7
NVS1206F400ATRF
18V
42V
30A
0.1J
0.350
<1.7
NVS1206F400CTRF
18V
42V
150A
0.4J
0.900
<1.7
NVS1206G580CTRF
26V
60V
120A
0.4J
0.500
<1.7
NVS1206H650CTRF
30V
67V
120A
0.4J
0.400
<1.7
NVS1206I101CTRF
48V
100V
100A
0.4J
0.225
<1.7
1210
NVS1210F390FTRF
18V
42V
500A
1.5J
3.100
<2.0
NVS1210G560ETRF
26V
60V
300A
1.2J
2.150
<2.0
NVS1210H620DTRF
30V
67V
220A
0.9J
1.750
<2.0
NVS1210H620ETRF
30V
67V
280A
1.2J
1.850
<2.0
NVS1210I101DTRF
48V
100V
220A
0.9J
0.450
<2.0
NVS1210I101ETRF
48V
100V
250A
1.2J
0.500
<2.0
NVS1210J121FTRF
60V
120V
250A
1.5J
0.400
<2.0
P
P
L
W
T
Termination Material: 100% Sn finish
over Ni barrier over Pd-Ag base.
DIMENSIONS (mm)
REEL QUANTITIES
NOTES:
1. *Working voltage is a maximum recommended working voltage and is specified for operation at leakage current less than 50
μA..
2. Peak current and clamping voltage is specified under 8/20uS test conditions.
3. Transient energy specified under 10/1000uS test condition.
4. Storage Temperature/Humidity: +5°C ~ +35°C, RH 40% ~ 75%
Case Size
Length (L)
Width (W)
Thickness (T) Overlap (P)
0603
1.6 ± 0.15
0.8 ± 0.15
0.9 max.
0.5 max.
0805
2.0 ± 0.20
1.2 ± 0.20
1.0 max.
0.8 max.
1206
3.2 ± 0.20
1.6 ± 0.20
1.0 max.
0.8 max.
1210
3.2 ± 0.20
2.5 ± 0.20
1.0 max.
0.8 max.
Case Size
178mm (7")
254mm (10")
0603
1,000 or 4,000
10,000
0805
1,000 or 4,000
10,000
1206
1,000 or 4,000
10,000
1210
1,000 or 4,000
10,000


Similar Part No. - NVS0805G580BTRF

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS0.3CH-M6 POWER-ONE-NVS0.3CH-M6 Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
NVS0.3CH-M6 POWER-ONE-NVS0.3CH-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
NVS0.3CJ-M6 POWER-ONE-NVS0.3CJ-M6 Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
NVS0.3CJ-M6 POWER-ONE-NVS0.3CJ-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
NVS0.3EH-M6 POWER-ONE-NVS0.3EH-M6 Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
More results

Similar Description - NVS0805G580BTRF

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com