Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3489 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3489
Description  Hysteretic PFET Buck Controller with Enable Pin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3489_14 Datasheet HTML 5Page - Texas Instruments LM3489_14 Datasheet HTML 6Page - Texas Instruments LM3489_14 Datasheet HTML 7Page - Texas Instruments LM3489_14 Datasheet HTML 8Page - Texas Instruments LM3489_14 Datasheet HTML 9Page - Texas Instruments LM3489_14 Datasheet HTML 10Page - Texas Instruments LM3489_14 Datasheet HTML 11Page - Texas Instruments LM3489_14 Datasheet HTML 12Page - Texas Instruments LM3489_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM3489
www.ti.com
SNVS443A – MAY 2006 – REVISED JUNE 2008
Functional Description
OVERVIEW
The LM3489 is a buck (step-down) DC-DC controller that uses a hysteretic control scheme. The control
comparator is designed with approximately 10mV of hysteresis. In response to the voltage at the FB pin, the gate
drive (PGATE pin) turns the external PFET on or off. When the inductor current is too high, the current limit
protection circuit engages and turns the PFET off for approximately 9µs.
Hysteretic control does not require an internal oscillator. Switching frequency depends on the external
components and operating conditions. The operating frequency reduces at light loads resulting in excellent
efficiency compared to other architectures.
The output voltage can be programmed by two external resistors. The output can be set in a wide range from
1.239V (typical) to VIN.
HYSTERETIC CONTROL CIRCUIT
When the FB input to the control comparator falls below the reference voltage (1.239V), the output of the
comparator switches to a low state. This results in the driver output, PGATE, pulling the gate of the PFET low
and turning on the PFET. With the PFET on, the input supply charges COUT and supplies current to the load via
the series path through the PFET and the inductor. Current through the Inductor ramps up linearly and the output
voltage increases. As the FB voltage reaches the upper threshold, which is the internal reference voltage plus
10mV, the output of the comparator changes from low to high, and the PGATE responds by turning the PFET off.
As the PFET turns off, the inductor voltage reverses, the catch diode turns on, and the current through the
inductor ramps down. Then, as the output voltage reaches the internal reference voltage again, the next cycle
starts.
The LM3489 operates in discontinuous conduction mode at light load current or continuous conduction mode at
heavy load current. In discontinuous conduction mode, current through the inductor starts at zero and ramps up
to the peak, then ramps down to zero. The next cycle starts when the FB voltage reaches the reference voltage.
Until then, the inductor current remains zero and the output capacitor supplies the load. The operating frequency
is lower and switching losses reduced. In continuous conduction mode, current always flows through the inductor
and never ramps down to zero.
The output voltage (VOUT) can be programmed by 2 external resistors. It can be calculated as follows:
VOUT = 1.239 x (R1 + R2) / R2
(1)
Figure 2. Hysteretic Window
The minimum output voltage ripple (VOUT_PP) can be calculated in the same way.
VOUT_PP = VHYST (R1 + R2) / R2
(2)
For example, with VOUT set to 3.3V, VOUT_PP is 26.6mV
VOUT_PP = 0.01 x (33K + 20k) / 20k = 0.0266V
(3)
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3489


Similar Part No. - LM3489_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3489 TI-LM3489_15 Datasheet
1,022Kb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
More results

Similar Description - LM3489_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3489 TI-LM3489_15 Datasheet
1,022Kb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com