Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3450A Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3450A
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3450A Datasheet(HTML) 1 Page - Texas Instruments

  LM3450A Datasheet HTML 1Page - Texas Instruments LM3450A Datasheet HTML 2Page - Texas Instruments LM3450A Datasheet HTML 3Page - Texas Instruments LM3450A Datasheet HTML 4Page - Texas Instruments LM3450A Datasheet HTML 5Page - Texas Instruments LM3450A Datasheet HTML 6Page - Texas Instruments LM3450A Datasheet HTML 7Page - Texas Instruments LM3450A Datasheet HTML 8Page - Texas Instruments LM3450A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
LM3450
www.ti.com
SNVS681C – NOVEMBER 2010 – REVISED JUNE 2011
LM3450, LM3450A
LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
Check for Samples: LM3450
1
FEATURES
DESCRIPTION
The LM3450/50A is a power factor controller (PFC)
2
Critical Conduction Mode PFC
with separate phase dimming decoder. The PFC
Over-Voltage Protection
regulates
the
output
voltage
while
maintaining
Feedback Short Circuit Protection
excellent power factor. The phase dimming decoder
interprets the phase angle and remaps it to a 500Hz
70:1 PWM Decoded From Phase Dimmer
PWM output. This device is ideal for implementing a
Analog Dimming
dimmable off-line LED driver for 10-100W loads.
Programmable Dimming Range
The phase dimming decoder has several unique
Digital Angle and Dimmer Detection
features. The input-output mapping is programmable
Dynamic Holding Current
for design flexibility, while a dynamic filter and
variable
sampling
rate
provide
smooth
uniform
Smooth Dimming Transitions
dimming. A dynamic hold circuit ensures that the
Low Power Operation
phase dimmer angle is decoded properly while
Start-Up Pre-Regulator Bias
minimizing extra power loss.
Precision Voltage Reference
The LM3450A is identical to the LM3450 with the
exception of one circuit operation. The dynamic hold
APPLICATIONS
current
is
sampled
in
the
LM3450
while
it
continuously
operates
in
the
LM3450A.
This
Dimmable Downlights, Troffers, and Lowbays
difference between the two devices defines the
Large Form Factor Bulbs
suitable applications for each. The following is a
Indoor and Outdoor Area SSL
general guideline for choosing the correct device:
Power Supply PFC
Any 120V designs with POUT > 15W - LM3450A
Any 230V designs with POUT > 25W - LM3450A
120V 2-Stage designs with POUT < 15W - LM3450
230V 2-Stage designs with POUT < 25W - LM3450
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3450A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3450AMT/NOPB TI1-LM3450AMT/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
LM3450AMTX/NOPB TI1-LM3450AMTX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
More results

Similar Description - LM3450A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3450 TI1-LM3450 Datasheet
1Mb / 40P
[Old version datasheet]   LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
logo
National Semiconductor ...
LM3450 NSC-LM3450 Datasheet
1Mb / 28P
   LED Driver with Active Power Factor Correction and Phase Dimming Decoder
logo
Emerson Network Power
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
   Active Power Factor Correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
   Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
   Active power factor correction
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
   Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
   Active power factor correction
logo
Bel Fuse Inc.
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
   Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
   Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
   Active Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com