Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA5304AP Datasheet(PDF) 2 Page - Fuji Electric

Part # FA5304AP
Description  Bipolar IC For Switching Power Supply Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5304AP Datasheet(HTML) 2 Page - Fuji Electric

  FA5304AP Datasheet HTML 1Page - Fuji Electric FA5304AP Datasheet HTML 2Page - Fuji Electric FA5304AP Datasheet HTML 3Page - Fuji Electric FA5304AP Datasheet HTML 4Page - Fuji Electric FA5304AP Datasheet HTML 5Page - Fuji Electric FA5304AP Datasheet HTML 6Page - Fuji Electric FA5304AP Datasheet HTML 7Page - Fuji Electric FA5304AP Datasheet HTML 8Page - Fuji Electric FA5304AP Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FA5304AP(S)/FA5305AP(S)
2
s Block diagram
FA5304AP(S)
Pin
Pin
Description
No.
symbol
1
IN (–)
Inverting input to error amplifier
2
FB
Error amplifier output
3
IS (+)
Overcurrent (+) detection
4
GND
Ground
5
OUT
Output
6
VCC
Power supply
7
CT
Oscillator timing capacitor
8
CS
Soft-start and ON/OFF control
FA5305AP(S)
Pin
Pin
Description
No.
symbol
1
IN (–)
Inverting input to error amplifier
2
FB
Error amplifier output
3
IS (–)
Overcurrent (–) detection
4
GND
Ground
5
OUT
Output
6
VCC
Power supply
7
CT
Oscillator timing capacitor
8
CS
Soft-start and ON/OFF control


Similar Part No. - FA5304AP

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5304AP

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com