Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2315E Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF2315E
Description  782 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2315E Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF2315E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2315E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2315E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2315E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 4
© 2012 by RF Monolithics, Inc.
SF2315E - 10/29/12
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
782
MHz
Insertion Loss, 777 to 787 MHz
IL
2.2
3.0
dB
Bandwidth
10
25
MHz
Amplitude Ripple, 777 to 787 MHz
0.35
1.00
dBP-P
Attenuation, Referenced to 0 dB:
dB
300 to 700 MHz
28
61
728 to 757 MHz
10
48
880 to 1050 MHz
28
61
Source Impedance
ZS
50
Load Impedance
ZL
50
Case Style
SM3030-6 3.0 x 3.0 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
A72, YWWS
Standard Reel Quantity
Reel Size 7 inch
500 Pieces/Reel
Reel Size 13 inch
3000 Pieces/Reel
Connection
Terminals
Input
2
Output
5
Case Ground
All others
SM3030-6
• Low-loss 782 MHz SAW Filter
• Designed for 50 ohm Source/Load
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
+25
dBm
DC Voltage on any Non-ground Terminal
3
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Maximum Soldering Profile, 5 cycles/10 seconds maximum
265
°C
782 MHz
SAW Filter
SF2315E
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
 and measured with 50  network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port
2, so that the filter must always be installed in one direction per the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Preliminary


Similar Part No. - SF2315E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2310A MURATA-SF2310A Datasheet
297Kb / 6P
   70 MHz SAW Filter
SF2314E MURATA-SF2314E Datasheet
227Kb / 5P
   Low-loss 866.5 MHz SAW Filter
SF2316E MURATA-SF2316E Datasheet
191Kb / 5P
   1588.655 MHz SAW Filter
SF2316H MURATA-SF2316H Datasheet
752Kb / 4P
   Designed for Front End GPS, Beidou, and Glonass Applications
logo
SHIELD s.r.l.
SF231P0 SHIELD-SF231P0 Datasheet
608Kb / 6P
   Spiderbox짰 and Distribox짰: examples of special configurations for SD and SP series
More results

Similar Description - SF2315E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1152A TAI-SAW-TA1152A Datasheet
447Kb / 7P
   SAW Filter 782 MHz
TA2441B TAI-SAW-TA2441B Datasheet
496Kb / 9P
   SAW Filter 782 MHz
TA1605A TAI-SAW-TA1605A Datasheet
191Kb / 6P
   SAW Filter 782 MHz
TA1813B TAI-SAW-TA1813B Datasheet
535Kb / 9P
   SAW Filter 782 MHz
logo
TriQuint Semiconductor
856844 TRIQUINT-856844_15 Datasheet
520Kb / 5P
   782 MHz SAW Filter
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
   782 MHz Notch Filter
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2641A TAI-SAW-TA2641A Datasheet
456Kb / 8P
   SAW Filter 782 MHz BW 10 MHz SMD 1.4 x 1.1mm
logo
TriQuint Semiconductor
856879 TRIQUINT-856879 Datasheet
736Kb / 9P
   782/751 MHz Duplexer
856879 TRIQUINT-856879_15 Datasheet
118Kb / 1P
   782/751 MHz Duplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com