Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP06DZB102M Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # NP06DZB102M
Description  SMD INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NP06DZB102M Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

  NP06DZB102M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NP06DZB102M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NP06DZB102M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc NP06DZB102M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NP06DZB102M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NP06DZB102M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5
373
アイテム一覧 PART NUMBERS
N 0 8DPA1R0M
N 0 8DPA1R5M
N 0 8DPA2R2M
N 0 8DPA3R3M
N 0 8DPA4R7M
N 0 8DPA6R8M
N 0 8DPA100K
N 0 8DPA120K
N 0 8DPA150K
N 0 8DPA180K
N 0 8DPA220K
N 0 8DPA270K
N 0 8DPA330K
N 0 8DPA390K
N 0 8DPA470K
N 0 8DPA560K
N 0 8DPA680K
N 0 8DPA820K
N 0 8DPA101K
N 0 8DPA121K
N 0 8DPA151K
N 0 8DPA181K
N 0 8DPA221K
N 0 8DPA271K
N 0 8DPA331K
N 0 8DPA391K
N 0 8DPA471K
N 0 8DPA561K
N 0 8DPA681K
N 0 8DPA821K
N 0 8DPA102 J
N08DPA
非シールドタイプ Non-Shielded type
1kHz
形  名
Ordering code
公  称
インダクタンス
Inductance
[AH]
インダクタンス
許容差
Inductance
Tolerance
自己共振
周波 数
SelfKresonant
frequency
h
MHzi
f
min.g
直流抵抗
DC
Resistance
hEi
f
max.g
定格電流
Rated
current
h
Ai
f
max.g
測 定
周波数
Measuring
frequency
N 0 8DPB1R0M
N 0 8DPB1R5M
N 0 8DPB2R2M
N 0 8DPB3R3M
N 0 8DPB4R7M
N 0 8DPB6R8M
N 0 8DPB100K
N 0 8DPB120K
N 0 8DPB150K
N 0 8DPB180K
N 0 8DPB220K
N 0 8DPB270K
N 0 8DPB330K
N 0 8DPB390K
N 0 8DPB470K
N 0 8DPB560K
N 0 8DPB680K
N 0 8DPB820K
N 0 8DPB101K
N 0 8DPB121K
N 0 8DPB151K
N 0 8DPB181K
N 0 8DPB221K
N 0 8DPB271K
N 0 8DPB331K
N 0 8DPB391K
N 0 8DPB471K
N 0 8DPB561K
N 0 8DPB681K
N 0 8DPB821K
N 0 8DPB102 J
N08DPB
非シールドタイプ Non-Shieled type
1kHz
形  名
Ordering code
公  称
インダクタンス
Inductance
[AH]
インダクタンス
許容差
Inductance
Tolerance
自己共振
周波 数
SelfKresonant
frequency
h
MHzi
f
min.g
直流抵抗
DC
Resistance
hEi
f
max.g
定格電流
Rated
current
h
Ai
f
max.g
測 定
周波数
Measuring
frequency
1.0
1.5
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
M
20%
86
69
58
50
30
21
18
16
14
13
11
10
9.5
8.9
8.6
8.3
7.9
7.3
6.7
6.5
6.0
4.9
4.1
3.4
3.2
2.9
2.6
2.4
2.2
1.9
1.8
0.028
0.030
0.036
0.039
0.047
0.057
0.066
0.077
0.087
0.092
0.11
0.12
0.14
0.15
0.17
0.19
0.23
0.30
0.35
0.40
0.55
0.62
0.80
0.90
1.1
1.2
1.5
1.7
2.4
2.6
3.1
3.9
3.4
3.2
3.0
2.6
2.4
2.2
2.1
2.0
1.9
1.8
1.6
1.55
1.5
1.4
1.35
1.3
1.1
1.05
0.95
0.80
0.76
0.66
0.63
0.59
0.54
0.50
0.45
0.38
0.36
0.34
M
10%
M
5%
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
1.0
1.5
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
4.0
3.7
3.4
3.2
2.7
2.4
2.2
2.1
2.0
1.9
1.8
1.5
1.4
1.3
1.2
1.1
1.0
0.94
0.82
0.79
0.75
0.68
0.63
0.56
0.48
0.45
0.41
0.38
0.36
0.33
0.27
M
20%
M
10%
M
5%
98
73
56
42
32
26
21
20
17
16
14
13
12
11
10
9.2
8.3
7.6
7.3
6.8
6.2
5.8
5.0
4.5
4.2
4.0
3.0
2.7
2.5
2.4
2.1
0.023
0.028
0.032
0.037
0.047
0.057
0.069
0.074
0.087
0.099
0.12
0.15
0.18
0.19
0.22
0.29
0.34
0.39
0.49
0.54
0.66
0.75
0.92
1.1
1.5
1.7
2.1
2.4
2.7
3.1
4.4
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS


Similar Part No. - NP06DZB102M

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
NP0603 YAGEO-NP0603 Datasheet
469Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
Panasonic Semiconductor
NP061A3 PANASONIC-NP061A3 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar transistor
NP062A1 PANASONIC-NP062A1 Datasheet
82Kb / 3P
   Composite Transistors Silicon NPN epitaxial planar type
logo
ON Semiconductor
NP0640SAMCT3G ONSEMI-NP0640SAMCT3G Datasheet
141Kb / 7P
   50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
NP0640SAT3G ONSEMI-NP0640SAT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
More results

Similar Description - NP06DZB102M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFHCL6MD-1R1M XFMRS-XFHCL6MD-1R1M Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M Datasheet
65Kb / 1P
   SMD INDUCTORS
logo
Micro Electronics
SMI-90 MICRO-ELECTRONICS-SMI-90 Datasheet
504Kb / 2P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M_15 Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R2M XFMRS-XFHCL6MD-2R2M Datasheet
45Kb / 1P
   SMD INDUCTORS
logo
TDK Electronics
VLF302510MT-1R0N TDK-VLF302510MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
VLF302512MT-1R0N TDK-VLF302512MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
logo
Micro Electronics
SMI-40 MICRO-ELECTRONICS-SMI-40 Datasheet
586Kb / 2P
   SMD INDUCTORS
SMI-60 MICRO-ELECTRONICS-SMI-60 Datasheet
501Kb / 2P
   SMD INDUCTORS
logo
TDK Electronics
MLF1005LR10KT TDK-MLF1005LR10KT Datasheet
71Kb / 3P
   SMD Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com