Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC81710NIP0F Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. PC81710NIP0F
Description  DIP 4pin High CMR, Low Input Current Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PC81710NIP0F Datasheet(HTML) 5 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Sheet No.: D2-A03302EN
Model Line-up
IC [mA]
(IF
=0.5mA, VCE=5V, Ta=25˚C)
with or without
Rank mark
A
0.5 to 3.0
0.6 to 1.5
Through-Hole
B
0.8 to 2.0
C
1.0 to 2.5
A or B
0.6 to 2.0
B or C
0.8 to 2.5
A, B or C
0.6 to 2.5
PC81710NSZ0F
PC81711NSZ0F
PC81712NSZ0F
PC81713NSZ0F
PC81715NSZ0F
PC81716NSZ0F
PC81718NSZ0F
PC81710NIP0F
PC81711NIP0F
PC81712NIP0F
PC81713NIP0F
PC81715NIP0F
PC81716NIP0F
PC81718NIP0F
SMT Gullwing
Sleeve
100pcs/sleeve
Taping
2 000pcs/reel
Lead Form
Model No.
Package
5
Please contact a local SHARP sales representative to inquire about production status.
PC8171xNSZ0F Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn