Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC81710NIP0F Datasheet(PDF) 4 Page - Sharp Electrionic Components

Part No. PC81710NIP0F
Description  DIP 4pin High CMR, Low Input Current Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PC81710NIP0F Datasheet(HTML) 4 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Sheet No.: D2-A03302EN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Reverse Current
Terminal capacitance
Collector dark current
Transfer
charac-
teristics
Emitter-collector breakdown voltage
Collector current
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Isolation resistance
MIN.
6
0.5
5
×10
10
TYP.
1.2
30
1
×10
11
4
3
MAX.
1.4
10
250
100
3.0
0.2
18
18
Unit
V
V
µA
pF
nA
V
mA
V
µs
µs
Symbol
VF
IR
Ct
ICEO
BVCEO
BVECO
IC
VCE (sat)
tr
tf
RISO
Response time
Rise time
Fall time
Input
Output
IF
=10mA
VR
=4V
V
=0, f=1kHz
VCE
=50V, IF=0
IC
=0.1mA, IF=0
IE
=10µA, IF=0
IF
=0.5mA, VCE=5V
DC500V, 40 to 60%RH
VCE
=2V, IC=2mA, RL=100Ω
Floating capacitance
0.6
1.0
pF
Cf
V
=0, f=1MHz
IF
=10mA, IC=1mA
80
(Ta
=25˚C)
10
−−
kV/
µs
CMR
Common mode rejection voltage
Ta
=25˚C, RL=470Ω, VCM=1.5kV(peak)
IF
=0, VCC=9V, Vnp=100mV
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
mA
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute, f=60Hz
*3 For 10s
Rating
10
200
15
Reverse voltage
V
VR
6
80
6
50
150
170
−30 to +100
−55 to +125
260
5.0
kV
4
PC8171xNSZ0F Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn