Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC81710NIP0F Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. PC81710NIP0F
Description  DIP 4pin High CMR, Low Input Current Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PC81710NIP0F Datasheet(HTML) 2 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
■ Internal Connection Diagram
Anode
Cathode
Emitter
Collector
1
1
2
3
4
2
4
3
2
Sheet No.: D2-A03302EN
■ Outline Dimensions
(Unit : mm)
1. Through-Hole [ex. PC8171xNSZ0F]
2. SMT Gullwing Lead-Form [ex. PC8171xNIP0F]
Product mass : approx. 0.22g
Product mass : approx. 0.23g
6.5
±0.5
7.62
±0.3
4.58
±0.5
θ
θ
θ : 0 to 13˚
Epoxy resin
1
2
4
3
Anode mark
Rank mark
Factory identification mark
Date code
8171
0.5
±0.1
6.5
±0.5
7.62
±0.3
4.58
±0.5
2.54
±0.25
Epoxy resin
4
3
Anode mark
Rank mark
Factory identification mark
Date code
1.0
+0.4
−0
1.0
+0.4
−0
10.0
+0
−0.5
1
2
8171
PC8171xNSZ0F Series
Plating material : SnCu (Cu : TYP. 2%)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn