Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC81710NIP0F Datasheet(PDF) 12 Page - Sharp Electrionic Components

Part No. PC81710NIP0F
Description  DIP 4pin High CMR, Low Input Current Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PC81710NIP0F Datasheet(HTML) 12 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Sheet No.: D2-A03302EN
● Sleeve package
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 100pcs of products shall be packaged in a sleeve.
Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless
stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
■ Package specification
12
(Unit : mm)
12.0
6.7
520
±2
PC8171xNSZ0F Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn