Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC81710NIP0F Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. PC81710NIP0F
Description  DIP 4pin High CMR, Low Input Current Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PC81710NIP0F Datasheet(HTML) 1 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PC8171xNSZ0F
Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC8171)
2. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. Programmable controllers
2. Facsimiles
3. Telephones
■ Applications
DIP 4pin High CMR,
Low Input Current
Photocoupler
1. 4pin DIP package
2. Double transfer mold package (Ideal for Flow Solder-
ing)
3. Low input current type (IF=0.5mA)
4. High collector-emitter voltage(VCEO : 80V)
5. High noise immunity due to high common rejection
voltage (CMR : MIN. 10kV/µs)
6. High isolation voltage between input and output
(Viso(rms) : 5.0 kV)
7. Lead-free and RoHS directive compliant
■ Description
PC8171xNSZ0F Series contains an IRED optically
coupled to a phototransistor.
It is packaged in a 4pin DIP, available in SMT gullw-
ing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
Collector-emitter voltage is 80V, CTR is 100% to
600% at input current of 0.5mA and CMR is MIN.
10kV/µs.
1
Sheet No.: D2-A03302EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC8171xNSZ0F Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn