Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC81710NIP0F Datasheet(PDF) 8 Page - Sharp Electrionic Components

Part No. PC81710NIP0F
Description  DIP 4pin High CMR, Low Input Current Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PC81710NIP0F Datasheet(HTML) 8 Page - Sharp Electrionic Components

Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Sheet No.: D2-A03302EN
8
−25
5
0.1
1
10
100
1 000
Frequency f (kHz)
VCE=2V
IC=2mA
Ta=25˚C
0
−5
−10
−15
−20
RL=10kΩ
1k
100
Fig.16 Frequency Response
Ambient temperature Ta (˚C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=50V
10
11
10
5
10
6
10
7
10
8
10
9
10
10
Fig.12 Collector Dark Current vs. Ambient
Temperature
Load resistance RL (k
Ω)
0.1
1
10
100
VCE=2V, IC=2mA
1
tf
ts
tr
td
10
Fig.13 Response Time vs. Load Resistance
(active region)
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
Please refer to the conditions in Fig.13 and Fig.14.
VCE
Fig.15 Test Circuit for Response Time
Load resistance RL (k
Ω)
1
1
10
100
1 000
Vcc=5V, IF=1mA, Ta=25˚C
10
tf
ts
tr
td
100
Fig.14 Response Time vs. Load Resistance
(saturation region)
Forward current IF (mA)
0
5
02468
10
Ta=25˚C
4
3
2
1
IC=7mA
IC=5mA
IC=3mA
IC=2mA
IC=1mA
IC=0.5mA
Fig.17 Collector-emitter Saturation Voltage
vs. Forward Current
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
PC8171xNSZ0F Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn