Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC81710NIP0F Datasheet(PDF) 7 Page - Sharp Electrionic Components

Part No. PC81710NIP0F
Description  DIP 4pin High CMR, Low Input Current Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PC81710NIP0F Datasheet(HTML) 7 Page - Sharp Electrionic Components

Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Sheet No.: D2-A03302EN
Ambient temperature Ta (˚C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=5V
IF=0.5mA
0
150
100
50
Fig.10 Relative Current Transfer Ratio vs.
Ambient Temperature
Ambient temperature Ta (˚C)
0
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
IF=10mA
IC=1mA
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
Fig.11 Collector - emitter Saturation Voltage
vs. Ambient Temperature
7
Collector-emitter voltage VCE (V)
0
40
02468
10
Ta=25˚C
30
20
10
PC (MAX.)
IF=7mA
IF=5mA
IF=3mA
IF=2mA
IF=1mA
IF=0.5mA
Fig.9 Collector Current vs. Collector-emitter
Voltage
Forward current IF (mA)
0.1
1
10
0
800
700
600
500
400
300
200
100
VCE=5V
Ta=25˚C
Fig.8 Current Transfer Ratio vs. Forward
Current
0.1
1
10
100
0
0.5
1.0
1.5
2.0
Forward voltage VF (V)
Ta=25˚C
Ta=75˚C
Ta=100˚C
Ta=50˚C
Ta=0˚C
Ta=−25˚C
Fig.7 Forward Current vs. Forward Voltage
Duty ratio
10
1 000
100
10
2
10
3
10
1
1
Pulse width
≤100µs
Ta
=25˚C
Fig.6 Peak Forward Current vs. Duty Ratio
PC8171xNSZ0F Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn