Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA3621F Datasheet(PDF) 3 Page - Fuji Electric

Part # FA3621F
Description  For Switching Power Supply Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3621F Datasheet(HTML) 3 Page - Fuji Electric

  FA3621F Datasheet HTML 1Page - Fuji Electric FA3621F Datasheet HTML 2Page - Fuji Electric FA3621F Datasheet HTML 3Page - Fuji Electric FA3621F Datasheet HTML 4Page - Fuji Electric FA3621F Datasheet HTML 5Page - Fuji Electric FA3621F Datasheet HTML 6Page - Fuji Electric FA3621F Datasheet HTML 7Page - Fuji Electric FA3621F Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FA3621F
3
s Recommended operating conditions
Item
Symbol
Min.
Max.
Unit
Power supply voltage
VCC
4.5
18.0
V
Input voltage for logic input
VLOG
0.0
5.25
V
Oscillation frequency
fOSC
50
1000
kHz
Oscillator timing resistor
RT
6.8
100
k
Oscillator timing capacitor
CT
68
1000
pF
CREF terminal by-pass capacitor
CREF
0.01
µF
VREF terminal output current
IREF
–60
0
µA
Pin
Pin
Description
No.
symbol
1
RT
Oscillator timing resistor
2
CT2
(Not connect any component)
3
CT1
Oscillator timing capacitor
4
VREF
Reference voltage output
5
CREF
Capacitor for reference voltage output
6
CP
Timing capacitor for timer latch delay
7
FB4
Ch. 4 output of error amplifier
8
IN4+
Ch. 4 non-inverting input to error amplifier
9
IN4
Ch. 4 inverting input to error amplifier
10
IN3
Ch. 3 inverting input to error amplifier
11
IN3+
Ch. 3 non-inverting input to error amplifier
12
VREG
Regulated voltage output
13
FB3
Ch. 3 output of error amplifier
14
IN2
Ch. 2 inverting input to error amplifier
15
FB2
Ch. 2 output of error amplifier
16
IN1
Ch. 1 inverting input to error amplifier
17
FB1
Ch. 1 output of error amplifier
18
FB5
Ch. 5 output of error amplifier
19
IN5+
Ch. 5 non-inverting input to error amplifier
20
IN5
Ch. 5 inverting input to error amplifier
21
IN6
Ch. 6 inverting input to error amplifier
22
GND1
Ground
23
OUT6b
ON/OFF switch for ch.6 power supply
24
FB6
Ch. 6 output of error amplifier
s Absolute maximum ratings
Item
Symbol
Rating
Unit
Power supply voltage
VCC
20.0
V
Source peak current
IOUT
–200
mA
Sink peak current
IOUT
200
mA
Output peak current of OUT6b
IOUT6b
–500
mA
Input voltage for analog input
VANA
–0.3 to +2.8
V
Input voltage for logic input
VLOG
–0.3 to +5.5
V
Total power dissipation
*
Pd
550
mW
Junction temperature
TJ
125
°C
Ambient temperature
TOP
–20 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
* Ta < 25
°C
Pin
Pin
Description
No.
symbol
25
CS5
Soft start for Ch. 5
26
CS6
Soft start for Ch. 6
27
CNT6
Ch. 6 ON/OFF function
28
CNT5
Ch. 5 ON/OFF function
29
VCC2
Power supply for output stage
30
CS3/4
Soft start for Ch. 3 & Ch. 4
31
CS2
Soft start for Ch. 2
32
CS1
Soft start for Ch. 1
33
CNT3/4
Ch. 3 & Ch. 4 ON/OFF function
34
CNT2
Ch. 2 ON/OFF function
35
CNT1
Ch. 1 ON/OFF function
36
SYN
(Connect to GND1/ GND2 terminal)
37
VDRV
Bias for logic circuit of outputs
38
OUT5
Ch. 5 output (for Pch-MOSFET)
39
OUT6a
Ch. 6 output (for Nch-MOSFET)
40
(OPEN)
(Not connect any component)
41
OUT1
Ch. 1 output (for Pch-MOSFET)
42
GND2
Ground
43
OUT2
Ch. 2 output (for Pch-MOSFET)
44
OUT3
Ch. 3 output (for Pch-MOSFET)
45
OUT4
Ch. 4 output (for Pch-MOSFET)
46
VCC1
Power supply for control circuit
47
DT2
(Connect to DT1)
48
DT1
(Connect to DT2)


Similar Part No. - FA3621F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
   For Switching Power Supply Control
More results

Similar Description - FA3621F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
   For Switching Power Supply Control
logo
List of Unclassifed Man...
FA3686 ETC-FA3686 Datasheet
389Kb / 18P
   For Switching Power Supply Control
logo
Fuji Electric
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
   For Switching Power Supply Control
FA3630V FUJI-FA3630V Datasheet
47Kb / 6P
   For Switching Power Supply Control
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
   For Switching Power Supply Control
logo
Fuji Electric
FA3675F FUJI-FA3675F Datasheet
108Kb / 8P
   For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com