Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2233E Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2233E
Description  1882.5 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2233E Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2233E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2233E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2233E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2233E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2233E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 5
©2010 by RF Monolithics,
SF2233E - 11/18/10
Filter Passband Response
Filter Broadband Response
1882LCRM50-1850A
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1782.5 1802.5 1822.5 1842.5 1862.5 1882.5 1902.5 1922.5 1942.5 1962.5 1982.5
Freq.(MHz)
S21
spec.
1882LCRM50-1850A
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1482.5 1562.5 1642.5 1722.5 1802.5 1882.5 1962.5 2042.5 2122.5 2202.5 2282.5
Freq.(MHz)
S21
spec.


Similar Part No. - SF2233E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2233E RFM-SF2233E Datasheet
812Kb / 5P
   1882.5 MHz SAW Filter
More results

Similar Description - SF2233E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1074B TAI-SAW-TA1074B Datasheet
213Kb / 8P
   SAW Filter 1882.5 MHz
logo
TriQuint Semiconductor
856992 TRIQUINT-856992_15 Datasheet
375Kb / 6P
   1882.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1074A TAI-SAW-TA1074A Datasheet
372Kb / 7P
   SAW Filter 1882.5 MHz
logo
RF Monolithics, Inc
SF2233E RFM-SF2233E Datasheet
812Kb / 5P
   1882.5 MHz SAW Filter
logo
TriQuint Semiconductor
885048 TRIQUINT-885048_15 Datasheet
410Kb / 6P
   1882.5 MHz BAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com