Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM12904D Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM12904D
Description  SINGLE SUPPLY DUAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM12904D Datasheet(HTML) 2 Page - New Japan Radio

  NJM12904D Datasheet HTML 1Page - New Japan Radio NJM12904D Datasheet HTML 2Page - New Japan Radio NJM12904D Datasheet HTML 3Page - New Japan Radio NJM12904D Datasheet HTML 4Page - New Japan Radio NJM12904D Datasheet HTML 5Page - New Japan Radio NJM12904D Datasheet HTML 6Page - New Japan Radio NJM12904D Datasheet HTML 7Page - New Japan Radio NJM12904D Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJM12904
ABSOLUTE MAXIMUM RATING
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
15
V
Differential Input Voltage
VID
14
V
Input Voltage
VIC
- 0.3 to +14
V
Power Dissipation
PD
(DIP8)
500
(DMP8) 300
(EMP8) 300
(SSOP8) 250
(VSP8) 320
(SIP8)
800
mW
Operating Temperature Range
Topr
- 40 to +85
°C
Storage Temperature Range
Tstg
- 50 to +125
°C
ELECTRICAL CHARACTERISTICS ( V+=5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
Vopr
2
-
14
V
Input Offset Voltage
VIO
RS=0Ω
-
1
5
mV
Input Offset Current
IIO
-
5
50
nA
Input Bias Current
IB
-
20
150
nA
Large Signal Voltage Swing
AV
RL≥2kΩ
-
100
-
dB
Maximum Output Voltage Range
VOM
RL=2kΩ
3.5
-
-
V
Input Common Mode Voltage Range
VICM
0 to 3.5
-
-
V
Common Mode Rejection Ratio
CMR
-
85
-
dB
Supply Voltage Rejection Ratio
SVR
-
100
-
dB
Output Source Current
ISOURCE
VIN
+=1V,V
IN
-=0V
20
40
-
mA
Output Sink Current
ISINK
VIN
+=0V,V
IN
-=1V
8
20
-
mA
Channel Separation
CS
f=1k to 20kHz
-
120
-
dB
Operating Current
ICC
RL=∞
-
0.7
1.2
mA
Slew Rate
SR
-
0.7
-
V/
µs
Gain Bandwidth Product
GB
-
1.5
-
MHz


Similar Part No. - NJM12904D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM12904M NJRC-NJM12904M Datasheet
179Kb / 8P
   SINGLE SUPPLY DUAL AMPLIFIER
More results

Similar Description - NJM12904D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM12904M NJRC-NJM12904M Datasheet
179Kb / 8P
   SINGLE SUPPLY DUAL AMPLIFIER
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
   DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2904C NJRC-NJM2904C Datasheet
781Kb / 10P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.12
NJM2904M-TE1 NJRC-NJM2904M-TE1 Datasheet
207Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
NJM3404A NJRC-NJM3404A Datasheet
228Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER?
logo
Analog Devices
SSM2135SZ AD-SSM2135SZ Datasheet
304Kb / 16P
   Dual Single-Supply Audio Operational Amplifier
Rev. G
SSM2135 AD-SSM2135_03 Datasheet
468Kb / 16P
   Dual Single-Supply Audio Operational Amplifier
REV. E
logo
Burr-Brown (TI)
OPA2634 BURR-BROWN-OPA2634 Datasheet
143Kb / 16P
   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com