Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPL515DS Datasheet(PDF) 7 Page - AAEON Technology

Part # NSPL515DS
Description  SPECIFICATIONS FOR NICHIA WARM WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

NSPL515DS Datasheet(HTML) 7 Page - AAEON Technology

Back Button NSPL515DS Datasheet HTML 3Page - AAEON Technology NSPL515DS Datasheet HTML 4Page - AAEON Technology NSPL515DS Datasheet HTML 5Page - AAEON Technology NSPL515DS Datasheet HTML 6Page - AAEON Technology NSPL515DS Datasheet HTML 7Page - AAEON Technology NSPL515DS Datasheet HTML 8Page - AAEON Technology NSPL515DS Datasheet HTML 9Page - AAEON Technology NSPL515DS Datasheet HTML 10Page - AAEON Technology NSPL515DS Datasheet HTML 11Page - AAEON Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
-6-
(4) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded. It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find
static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
· Damaged LEDs will show some unusual characteristics such as the leak current remarkably
increases, the forward voltage becomes lower, or the LEDs do not light at the low current.
Criteria : (VF > 2.0V at IF=0.5mA)
(5) Soldering Conditions
· Nichia LED leadframes are silver plated copper alloy.
This substance has a low
thermal coefficient (easily conducts heat).
Careful attention should be paid during soldering.
· Solder the LED no closer than 3mm from the base of the epoxy bulb.
Soldering beyond the base
of the tie bar is recommended.
· Recommended soldering conditions
Dip Soldering
Hand Soldering
Pre-Heat
Pre-Heat Time
Solder Bath
Temperature
Dipping Time
Dipping Position
120°C Max.
60 seconds Max.
260°C Max.
10 seconds Max.
No lower than 3 mm from the
base of the epoxy bulb.
Temperature
Soldering Time
Position
350°C Max.
3 seconds Max.
No closer than 3 mm from the
base of the epoxy bulb.
· Although the recommended soldering conditions are specified in the above table, dip or hand
soldering at the lowest possible temperature is desirable for the LEDs.
· A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
· Dip soldering should not be done more than one time.
· Hand soldering should not be done more than one time.
· Do not apply any stress to the lead particularly when heated.
· The LEDs must not be repositioned after soldering.
· After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until
the LEDs return to room temperature.
· Direct soldering onto a PC board should be avoided.
Mechanical stress to the resin may be caused
from warping of the PC board or from the clinching and cutting of the leadframes.
When it is
absolutely necessary, the LEDs may be mounted in this fashion but the User will assume responsibility
for any problems.
Direct soldering should only be done after testing has confirmed that no damage,
such as wire bond failure or resin deterioration, will occur.
Nichia’s LEDs should not be soldered
directly to double sided PC boards because the heat will deteriorate the epoxy resin.
· When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize
the mechanical stress on the LEDs.
· Cut the LED leadframes at room temperature.
Cutting the leadframes at high temperatures may
cause failure of the LEDs.
Nichia STS-DA1-0167A
<Cat.No.080926>


Similar Part No. - NSPL515DS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPL515DS NICHIA-NSPL515DS Datasheet
474Kb / 13P
   WARM WHITE LED
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
   WARM WHITE LED
logo
NICHIA CORPORATION
NSPL515DS NICHIA-NSPL515DS_14 Datasheet
222Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
logo
AAEON Technology
NSPL515DS AAEON-NSPL515DS_15 Datasheet
500Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
More results

Similar Description - NSPL515DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPL500S ETC-NSPL500S Datasheet
200Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
logo
AAEON Technology
NSPL500DS AAEON-NSPL500DS Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL510DS AAEON-NSPL510DS Datasheet
487Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL515DS AAEON-NSPL515DS_15 Datasheet
500Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL510DS AAEON-NSPL510DS_15 Datasheet
487Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL570DS AAEON-NSPL570DS_15 Datasheet
503Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL570DS AAEON-NSPL570DS Datasheet
503Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL500DS AAEON-NSPL500DS_15 Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
logo
NICHIA CORPORATION
NCSL119T-H1 NICHIA-NCSL119T-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100CT NICHIA-NSSL100CT Datasheet
346Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com