Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DV2031S2 Datasheet(PDF) 2 Page - Texas Instruments

Part # DV2031S2
Description  Lead-Acid Charger Development System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DV2031S2 Datasheet(HTML) 2 Page - Texas Instruments

  DV2031S2 Datasheet HTML 1Page - Texas Instruments DV2031S2 Datasheet HTML 2Page - Texas Instruments DV2031S2 Datasheet HTML 3Page - Texas Instruments DV2031S2 Datasheet HTML 4Page - Texas Instruments DV2031S2 Datasheet HTML 5Page - Texas Instruments DV2031S2 Datasheet HTML 6Page - Texas Instruments DV2031S2 Datasheet HTML 7Page - Texas Instruments DV2031S2 Datasheet HTML 8Page - Texas Instruments DV2031S2 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Connection Descriptions
TB1
DC+
Charger supply (DC) 30V MAX
DC–
Ground from charger supply and low
sideofsystemload
TB2
BAT+
Positive battery terminal
BAT–
Negative battery terminal
TEM–
Thermistor connection (negative)
TEM+
Thermistor connection (positive)
JP1 QSEL
Charge algorithm select
JP2 DSEL
Display mode select
JP3 TSEL
Charge algorithm select
JP4 IGSEL
Minimum current select
JP5
Number of cells
Fixed Configuration
The DV2031S2 board has the following fixed character-
istics:
VCC for the fast charge IC is regulated on-board
from the supply at connector TB1. TB1 can accept a
maximum of 30VDC. The minimum charging volt-
age for two cells is 10VDC, and the minimum
charging voltage for six cells is 22VDC.
LED1 and LED2 indicate charge status.
LED3 indicates a charge-pending or fault condition.
Charge begins on the later application of
1.
The battery
2.
Supply voltage
The onboard regulator supplies a fast charge cur-
rent IMAX of 2.5A. The fast (bulk) charge voltage
VBLK is set at 2.45V per cell (±1%) and the float
voltage VFLT is set at 2.25V per cell (±1%)
The number of cells can be changed within
board-defined parameters, as described below in
“Jumper-Selectable Configuration.”
The switching frequency of the PWM control is
100kHz.
The regulated current is controlled by the value of
the sense resistor RSNS according to the equation
I
V
R
CHG
SNS
=
025
.
The value of RSNS (R20 in the schematic) at ship-
ment is 0.10
Ω. This resistor can be changed de-
pending on the application. The suggested maxi-
mum charging current IMAX for the bq2031S1
board is 2.5A with an accuracy of
±10%.
The thermistor provided is the Philips
2322–640–63103. With this thermistor connected
between TEM+ and TEM–, the temperature fault
limits are VLTF (low temperature fault) = 0°C, VHTF
(high temperature fault) = 45°C, and VTCO (charge
cutoff) = 47°C.
Jumper-Selectable
Configuration
The DV2031S2 must be configured as follows:
DSEL (JP2) selects the LED display options as de-
scribed in Table 1 on the following page.
TSEL (JP3) and QSEL (JP1) select the charge algo-
rithm as shown in Table 2 on the following page.
IGSEL (JP4) sets IMIN and the Two-Step Current
maintenance charge as a ratio of IMAX.ICOND =
IMAX/5, as shown below:
JP4
IMIN
Fixed-Pulse
Average Current
L
IMAX
10
II
COND
MAX
210
=
H
IMAX
20
II
COND
MAX
420
=
None
IMAX
30
II
COND
MAX
830
=
As indicated in the Jumper Configuration Diagram,
JP5 configures the board for the number of
lead-acid cells.
2
DV2031S2
Rev. B Board


Similar Part No. - DV2031S2

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DV20 EXTECH-DV20 Datasheet
40Kb / 1P
   Non-Contact Voltage Detector and Flashlight
logo
Delta Electronics, Inc.
DV200-27000D DELTA-DV200-27000D Datasheet
190Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DV2031S2

ManufacturerPart #DatasheetDescription
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
logo
List of Unclassifed Man...
DV2954S1L ETC2-DV2954S1L_14 Datasheet
858Kb / 5P
   Li-Ion Charger Development System
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com